Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2001220000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2001220000
Description  RECEPTACLE BACKSHELL, DUAL ROW MEGA-FIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2001220000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2001220000 Datasheet HTML 1Page - Molex Electronics Ltd. 2001220000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
MM
1:1
DRWN BY
DATE
TGREGORI
2015/09/15
CHK'D BY
DATE
TGREGORI
2015/09/29
APPR BY
DATE
DOCUMENT NUMBER
DOC TYPE
DOC PART
2001220000
PSD
000
SHEET NUMBER
2 OF 2
RECEPTACLE BACKSHELL, DUAL ROW
MEGA-FIT
PRODUCT CUSTOMER DRAWING
QUALITY
SYMBOLS
=
0
=
0
=
4
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.25
1 PLACE
±
0.4
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A1
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ± 0.5 °
DRAWING SIZE
THIRD ANGLE PROJECTION
C
SERIES
MATERIAL NUMBER
CUSTOMER
200122
SEE SHEET 2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
29.81
46.14
29.81
46.14
26.63
39.78
23.48
33.48
23.48
33.48
20.98
27.08
200122-0*12
200122-0*10
200122-0*08
200122-0*06
200122-0*04
200122-0*02
6.00
14.1
15.6
14.1
15.6
14.1
15.6
14.1
15.6
6.00
6.00
6.00
6.00
6.00
42.9
37.2
31.5
25.8
20.1
16.4
14.1
15.6
14.1
15.6


Similar Part No. - 2001220000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
2001223100 ADVANTECH-2001223100 Datasheet
891Kb / 2P
Intel® 6th Generation Core™ i Processor 2U Fanless System; EN 50121-4 Compliant for Railway Applications
6-Jan-2021
More results

Similar Description - 2001220000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
170001-0102 MOLEX11-170001-0102 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 2 Circuit, Glow-Wire Compliant, Bag
170001-0104 MOLEX11-170001-0104 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 4 Circuit, Glow-Wire Compliant, Bag
170001-0112 MOLEX11-170001-0112 Datasheet
54Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 12 Circuit, Glow-Wire Compliant, Bag
0451360201 MOLEX1-0451360201 Datasheet
44Kb / 1P
Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 150.00mm
0451360203 MOLEX1-0451360203 Datasheet
44Kb / 1P
Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 300.00mm
0451360401 MOLEX1-0451360401 Datasheet
45Kb / 1P
Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 150.00mm
0451360803 MOLEX1-0451360803 Datasheet
49Kb / 1P
Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 300.00mm
0451361203 MOLEX1-0451361203 Datasheet
58Kb / 1P
Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 300.00mm
2451360205 MOLEX1-2451360205 Datasheet
41Kb / 1P
Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row,Mega-Fit-to-Mega-Fit Off-the-Shelf (OTS) Overmolded Cable Assembly, Dual Row,
171692-0206 MOLEX-171692-0206 Datasheet
283Kb / 2P
MEGA-FIT RECEPTACLE DR TPA
2022/04/28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com