Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP16251_16 Datasheet HTML 16Page - Microchip Technology MCP16251_16 Datasheet HTML 17Page - Microchip Technology MCP16251_16 Datasheet HTML 18Page - Microchip Technology MCP16251_16 Datasheet HTML 19Page - Microchip Technology MCP16251_16 Datasheet HTML 20Page - Microchip Technology MCP16251_16 Datasheet HTML 21Page - Microchip Technology MCP16251_16 Datasheet HTML 22Page - Microchip Technology MCP16251_16 Datasheet HTML 23Page - Microchip Technology MCP16251_16 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MCP16251/2
DS20005173B-page 20
 2013 - 2016 Microchip Technology Inc.
FIGURE 6-3:
Application showing a PIC® MCU attached to the MCP16251 to help optimize battery
life, and monitor the battery and output voltages.
VIN
GND
VFB
SW
VOUT
3.3V
COUT
10 µF
CIN
4.7 µF
L
4.7 µH
VOUT
1.3 M
510 k
EN
VBATT
VBATT
Q1
NDS7002
1M
VDD
240 k
GP1
GP2
+
-
1k
1µF
ON / OFF
VSS
GP4
GP3/MCLR
220 k
Sensing
VOUT Sensing
Drive EN
MCU Bias from VOUT
Weak Up
PIC12F617
MCP16251
NDS332
Q2
Load Switch
OUT
Drive Load Switch
GP0
Note:
Application example for a simple low IQ one-cell boost converter attached to a PIC
® MCU to monitor
battery and output converter voltages and drive a load switch. When battery is connected, EN is pulled
high by a 1 M
 resistor and the converter starts regulating V
OUT, biasing the PIC MCU. The push button
is used to switch on and off the load switch and put the PIC MCU in Deep Sleep mode. Battery energy
is saved during the time when no power is needed for the load by pulsing the EN pin with low frequency
to keep the output in a 2.3-to-3.3V range for the VDD pin of the PIC MCU. A detailed description of this
application can be found in the “MCP1640 Single Quadruple-A Battery Boost Converter Reference
Design”, (DS51922) and in application note AN1337, “Optimizing Battery Life in DC Boost Converters
Using MCP1640”, (DS01337).


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com