Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP16251_16 Datasheet HTML 12Page - Microchip Technology MCP16251_16 Datasheet HTML 13Page - Microchip Technology MCP16251_16 Datasheet HTML 14Page - Microchip Technology MCP16251_16 Datasheet HTML 15Page - Microchip Technology MCP16251_16 Datasheet HTML 16Page - Microchip Technology MCP16251_16 Datasheet HTML 17Page - Microchip Technology MCP16251_16 Datasheet HTML 18Page - Microchip Technology MCP16251_16 Datasheet HTML 19Page - Microchip Technology MCP16251_16 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP16251/2
DS20005173B-page 16
 2013 - 2016 Microchip Technology Inc.
Several parameters are used to select the inductor
correctly: maximum rated current, saturation current
and copper resistance (ESR). For boost converters, the
inductor current can be much higher than the output
current. The lower the inductor ESR, the higher the
efficiency of the converter, a common trade-off in size
versus efficiency.
The saturation current typically specifies a point at
which the inductance has rolled off a percentage of the
rated value. This can range from a 20-to-40% reduction
in inductance. As the inductance rolls off, the inductor
ripple current increases, as does the peak switch
current. It is important to keep the inductance from
rolling off too much, causing switch current to reach the
peak limit.
5.6
One-Cell Application
Considerations
The MCP16251/2 was designed to operate with a wide
input voltage range after start-up, down to 0.35V, to
accommodate a large variety of input sources. When
considering a primary power solution for a design, the
battery type and load current needs must be carefully
selected.
The MCP16251/2 start-up voltage is typical 0.82V at
1 mA load but this does not act as an UVLO start-up
threshold. The start-up sequence is detailed in
Section 4.2.1 “Low-Voltage Start-up” and begins
with the charging of the output capacitor at limited,
constant current until the output voltage equals the
input voltage. The device starts draining current to bias
its internal circuitry before the 0.82V input and cannot
start-up or operate well with high-impedance sources
because their voltage varies in time, from zero to over
0.82V (i.e., energy harvesting). Start-up voltage is the
point where the device starts switching in closed loop
and the output is regulated and depends on load and
temperature as shown in Figures 2-12, 2-13 and 2-14.
There are a few aspects to deal with when designing a
step-up converter supplied from one alkaline or
rechargeable cell. Batteries are available in a variety of
sizes and chemistries and can support a variety of
drain rates.
No matter the chemistry, most batteries have several
things in common. They should not be drained below
their specified FEP (Functional End Point or Cut-Off
Voltage). Below this point, if the battery has a load
applied to it, there will not be enough energy to deliver
power because all usable capacity is used. For an
alkaline cell, FEP is 0.9V or 0.8V. Using the alkaline cell
below the FEP will increase the risk of leakage. There
is an exception for alkaline batteries: if the battery
voltage is strictly monitored, it can be drained down to
0.5V in one-cell applications only. For a rechargeable
NiMH cell, the FEP value is usually 1.0V – 1.1V.
As the battery discharges, its deliverable energy or
capacity
decreases
and
the
internal
resistance
increases. For example, the internal resistance of an
alkaline cell goes up to 1
 when discharged causing a
voltage drop of up to hundreds of mV on the battery
terminals under load conditions. This aspect will result
in the converter’s inability to start-up properly in
applications which require short periods of ON time and
long periods of Sleep. When the load is removed, the
battery voltage slowly recovers. These long cycles may
bring the battery voltage close to its nominal value.
However, a nearly depleted battery will not be capable
of maintaining its voltage once the heavier load is
applied during the next cycle. At each attempt, the
converter drains a large amount of current to restart
(see Figure 2-21), weakening the battery even further.
As the battery voltage recovers in time, the converter
will try to start-up as soon as its minimum input
voltage-vs.-load condition is reached.
In conclusion, with a battery discharged down to its
FEP, a boost converter may start-up and work well
under light load (in PFM mode), but will stop or lose
regulation when a high load current is required.
FIGURE 5-1:
Example of a Typical
Constant-Current Load Discharge Profile for an
Alkaline and NiMH Cell.
FIGURE 5-2:
MCP16251
3.3VOUT/100 mA Boost Converter Waveforms
Powered from One Alkaline Cell Discharged to
1.25V Open Load Voltage (Cell Internal
Resistance Is Approximately 0.7 Ohms).
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
5
10
15
20
25
Run Time (h)
I
BATTERY = 100 mA
2000 mAh NiMH
----- AA Alkaline
I
BATTERY = 200 mA
VBATTERY = 1.25V
VBATTERY = 1.09V
VOUT
EN
IL = Boost Inductor Current
IL
IBATTERY = Average of IL
Boost Converter Load = 100 mA
1V/div
1V/div
200 mV/div
200 mV/div
EN Turn ON/OFF
Boost Converter Load = 100 mA


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com