Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP16251_16 Datasheet HTML 10Page - Microchip Technology MCP16251_16 Datasheet HTML 11Page - Microchip Technology MCP16251_16 Datasheet HTML 12Page - Microchip Technology MCP16251_16 Datasheet HTML 13Page - Microchip Technology MCP16251_16 Datasheet HTML 14Page - Microchip Technology MCP16251_16 Datasheet HTML 15Page - Microchip Technology MCP16251_16 Datasheet HTML 16Page - Microchip Technology MCP16251_16 Datasheet HTML 17Page - Microchip Technology MCP16251_16 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP16251/2
DS20005173B-page 14
 2013 - 2016 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The
MCP16251/2
synchronous
boost
regulator
operates over a wide input and output voltage range.
The power efficiency is high for several decades of load
range. Output current capability increases with the
input voltage and decreases with the increasing output
voltage. The maximum output current is based on the
N-Channel peak current limit. Typical characterization
curves in this data sheet are presented to display the
typical output current capability.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP16251/2, use Equation 5-1, where RTOP is
connected to VOUT, RBOT is connected to GND and
both are connected to the VFB input pin.
EQUATION 5-1:
EXAMPLE 1:
EXAMPLE 2:
EXAMPLE 3:
The internal error amplifier is a transconductance type,
i.e., its gain is not related to the resistors’ value. There
are some potential issues with higher value resistors.
For small surface mount resistors, environment con-
tamination can create leakage paths that significantly
change the resistor divider ratio and change the output
voltage tolerance. Designers should use resistors that
are larger than 1 M
 with precaution; they can be used
on limited temperature range (-20 to +85oC). For a
lower temperature (down to -40oC), resistors from
Examples 1 or 2 should be calculated as follows:
EXAMPLE 4:
EXAMPLE 5:
Smaller feedback resistor values will increase the
quiescent current drained from the battery by a few µA,
but will result in good regulation over the entire
temperature range.
For boost converters, the removal of the feedback
resistors during operation must be avoided. In this
case, the output voltage will increase above the
absolute maximum output limits of the MCP16251/2
and damage the device (for additional information, see
Application Note AN1337, “Optimizing Battery Life in
DC Boost Converters Using MCP1640”, DS01337.
5.3
Input Capacitor Selection
The boost input current is smoothed by the boost
inductor, reducing the amount of filtering necessary at
the input. Some capacitance is recommended to
provide decoupling from the source. Low ESR X5R or
X7R are well suited, since they have a low temperature
coefficient and small size. For most applications,
4.7 µF of capacitance is sufficient at the input. For
high-power
applications
that
have
high-source
impedance or long leads connecting the battery to the
input,
10 µF
of
capacitance
is
recommended.
Additional input capacitance can be added to provide a
stable input voltage.
Refer to Table 5-1 for the recommended range of the
input capacitor value.
VOUT = 2.0V
VFB = 1.23V
RBOT = 1 M
RTOP = 626.01 kwith a standard value of
620 k
, V
OUT is 1.992V)
VOUT = 3.3V
VFB = 1.23V
RBOT = 1 M
RTOP = 1.68 Mwith a standard value of
1.69 M
 V
OUT is 3.308V)
VOUT = 5.0V
VFB = 1.23V
RBOT = 1 M
RTOP = 3.065 M (with a standard value of
3.09 M
 V
OUT is 5.03V)
R
TOP
R
BOT
V
OUT
V
FB
-------------1


=
VOUT = 2.0V
VFB = 1.23V
RBOT = 309 k
RTOP = 193.44 kwith a standard value of
191 k
 V
OUT is 1.99V)
VOUT = 3.3V
VFB = 1.23V
RBOT = 309 k
RTOP = 520.024 kwith a standard value of
523 k
 V
OUT is 3.311V)


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com