Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP16251_16 Datasheet HTML 9Page - Microchip Technology MCP16251_16 Datasheet HTML 10Page - Microchip Technology MCP16251_16 Datasheet HTML 11Page - Microchip Technology MCP16251_16 Datasheet HTML 12Page - Microchip Technology MCP16251_16 Datasheet HTML 13Page - Microchip Technology MCP16251_16 Datasheet HTML 14Page - Microchip Technology MCP16251_16 Datasheet HTML 15Page - Microchip Technology MCP16251_16 Datasheet HTML 16Page - Microchip Technology MCP16251_16 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2013 - 2016 Microchip Technology Inc.
DS20005173B-page 13
MCP16251/2
4.2.6
INTERNAL COMPENSATION
The error amplifier, with its associated compensation
network,
completes
the
closed-loop
system
by
comparing the output voltage to a reference at the
input of the error amplifier, and feeding the amplified
and inverted signal to the control input of the inner
current loop. The compensation network provides
phase leads and lags at appropriate frequencies to
cancel excessive phase lags and leads of the power
circuit. All necessary compensation and slope com-
pensation components are integrated.
4.2.7
SHORT-CIRCUIT PROTECTION
Unlike most boost converters, the MCP16251/2 allows
its output to be shorted during normal operation. The
internal current limit and overtemperature protection
limit excessive stress and protect the device during
periods
of
short
circuit,
overcurrent
and
overtemperature. While operating in Input-to-Output
Bypass mode, the P-Channel current limit is inhibited to
minimize quiescent current.
4.2.8
LOW NOISE OPERATION
The MCP16251/2 integrates a low noise anti-ring
switch that damps the oscillations typically observed at
the switch node of a boost converter when operating in
Discontinuous Inductor Current mode. This removes
the high frequency radiated noise.
4.2.9
OVERTEMPERATURE
PROTECTION
Overtemperature protection circuitry is integrated in the
MCP16251/2 devices. This circuitry monitors the
device junction temperature and shuts the output off if
the junction temperature exceeds the typical +160°C. If
this threshold is exceeded, the device will automatically
restart once the junction temperature drops by 20°C.
During thermal shutdown, the device is periodically
checking temperature; once the temperature of the die
drops, the device restarts. Because the device takes its
bias from the output (to achieve lower IQ current) while
in thermal shutdown state, there is no low reference
band gap and the output may be higher than zero for
inputs below 1.4V typical. The soft start is reset during
an overtemperature condition.


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com