Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP16251_16 Datasheet HTML 6Page - Microchip Technology MCP16251_16 Datasheet HTML 7Page - Microchip Technology MCP16251_16 Datasheet HTML 8Page - Microchip Technology MCP16251_16 Datasheet HTML 9Page - Microchip Technology MCP16251_16 Datasheet HTML 10Page - Microchip Technology MCP16251_16 Datasheet HTML 11Page - Microchip Technology MCP16251_16 Datasheet HTML 12Page - Microchip Technology MCP16251_16 Datasheet HTML 13Page - Microchip Technology MCP16251_16 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP16251/2
DS20005173B-page 10
 2013 - 2016 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP16251/2 family of devices is capable of low
start-up voltage and delivers high efficiency over a wide
load range for single-cell, two-cell, three-cell alkaline,
NiMH, NiCd and single-cell Li-Ion battery inputs. A high
level of integration lowers total system cost, eases
implementation and reduces board area. The devices
feature low quiescent current, low start-up voltage,
adjustable output voltage, PWM/PFM mode operation,
integrated synchronous switch, internal compensation,
low noise anti-ring control, inrush current limit and soft
start. There are two options for the MCP16251/2 family:
True Output Disconnect and Input-to-Output Bypass
(see Table 4-1).
4.1.1
PFM/PWM OPERATION
The MCP16251/2 devices use an automatic switchover
from PWM to PFM mode for light load conditions, to
maximize efficiency over a wide range of output
current. During PFM mode, a controlled peak current is
used to pump the output up to the threshold limit. While
operating in PFM or PWM mode, the P-Channel switch
is used as a synchronous rectifier, turning off when the
inductor current reaches 0 mA to maximize efficiency.
In PFM mode, a comparator is used to terminate
switching when the output voltage reaches the upper
threshold limit. Once switching has terminated, the
output voltage will decay or coast down. During this
period, which is called Sleep period, 1 µA is typically
consumed from the input source, which keeps power
efficiency high at light load. PWM/PFM mode has
higher output ripple voltage than PWM mode, and
variable frequency. The PFM mode frequency is a
function of input voltage, output voltage and load. While
in PFM mode, the boost converter periodically pumps
the output with a fixed switching frequency of 500 kHz.
Figure 2-17 represents the load current versus input
voltage for the PFM-to-PWM threshold.
4.1.2
TRUE OUTPUT DISCONNECT
OPTION
The MCP16251 device incorporates a true output
disconnect feature. With the EN pin pulled low, the
output of the MCP16251 is isolated or disconnected
from the input by turning off the integrated P-Channel
switch and removing the switch bulk diode connection.
This removes the DC path typical in boost converters,
which allows the output to be disconnected from the
input. During this mode, less than 0.6 µA of current is
consumed from the input (battery). True output discon-
nect does not discharge the output; the output voltage
is held up by the external COUT capacitance.
4.1.3
INPUT BYPASS OPTION
The MCP16252 device incorporates the input-to-output
bypass shutdown option. With the EN input pulled low,
the output is connected to the input using the internal
P-Channel MOSFET. In this mode, the current draw
from the input (battery) is less than 0.6 µA with no load.
The Input Bypass mode is used when the input voltage
range is high enough for the load to operate in Standby
or Low IQ mode. When a higher regulated output
voltage is necessary to operate the application, the EN
input is pulled high, enabling the boost converter.
In this mode, the current through the P-Channel
MOSFET must not be higher than 400 mA.
TABLE 4-1:
PART NUMBER SELECTION
Part
Number
True Output
Disconnect
Input-to-Output
Bypass
MCP16251
MCP16252


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com