Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 1 Page - Microchip Technology

  MCP16251_16 Datasheet HTML 1Page - Microchip Technology MCP16251_16 Datasheet HTML 2Page - Microchip Technology MCP16251_16 Datasheet HTML 3Page - Microchip Technology MCP16251_16 Datasheet HTML 4Page - Microchip Technology MCP16251_16 Datasheet HTML 5Page - Microchip Technology MCP16251_16 Datasheet HTML 6Page - Microchip Technology MCP16251_16 Datasheet HTML 7Page - Microchip Technology MCP16251_16 Datasheet HTML 8Page - Microchip Technology MCP16251_16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2013 - 2016 Microchip Technology Inc.
DS20005173B-page 1
MCP16251/2
Features
• Up to 96% Typical Efficiency
•650 mA Typical Peak Input Current Limit:
-IOUT > 100 mA @ 3.3V VOUT, 1.2V VIN
-IOUT > 250 mA @ 3.3V VOUT, 2.4V VIN
-IOUT > 225 mA @ 5.0V VOUT, 3.3V VIN
• Low Device Quiescent Current:
- Output Quiescent Current: < 4 µA typical,
device is not switching (VOUT > VIN,
excluding feedback divider current)
- Input Sleep Current: 1 µA
- No Load Input Current: 14 µA typical
• Shutdown Current: 0.6 µA typical
• Low Start-Up Voltage: 0.82V, 1 mA load
• Low Operating Input Voltage: down to 0.35V
• Adjustable Output Voltage Range: 1.8V to 5.5V
• Maximum Input Voltage
 V
OUT < 5.5V
• Automatic PFM/PWM Operation:
- PWM Operation: 500 kHz
- PFM Output Ripple: 150 mV typical
• Feedback Voltage: 1.23V
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft Start
(1.5 ms typical)
• Selectable, Logic Controlled, Shutdown States:
- True Load Disconnect Option (MCP16251)
- Input-to-Output Bypass Option (MCP16252)
Anti-Ringing Control
• Overtemperature Protection
• Available Packages:
- SOT-23, 6-Lead
- TDFN, 2 x 3 x 0.8 mm, 8-Lead
Package Types
Applications
• One, Two and Three-Cell Alkaline and NiMH/NiCd
Portable Products
• Solar Cell Applications
• Personal Care and Medical Products
• Bias for Status LEDs
• Smartphones, MP3 Players, Digital Cameras
• Remote Controllers, Portable Instruments
• Wireless Sensors
• Bluetooth Headsets
• +3.3V to +5.0V Distributed Power Supply
General Description
The MCP16251/2 is a compact, high-efficiency, fixed
frequency, synchronous step-up DC-DC converter.
This family of devices provides an easy-to-use power
supply solution for applications powered by either
one-cell, two-cell or three-cell alkaline, NiCd, NiMH,
one-cell Li-Ion or Li-Polymer batteries.
Low-voltage technology allows the regulator to start-up
without high inrush current or output voltage overshoot
from
a
low-voltage
input.
High
efficiency
is
accomplished
by
integrating
the
low-resistance
N-Channel boost switch and synchronous P-Channel
switch. All compensation and protection circuitry are
integrated
to
minimize
external
components.
MCP16251/2 operates and consumes less than 14 µA
from battery after start-up, while operating at no load
(VOUT = 3.3V, VIN = 1.5V). The devices provide a true
disconnect from input to output (MCP16251) or an
input-to-output bypass (MCP16252), while in shutdown
(EN = GND). Both shutdown options consume less
than 0.6 µA from battery.
Output voltage is set by a small external resistor
divider. Two package options, SOT-23, 6-lead and
TDFN, 2 x 3 x 0.8 mm, 8-lead are available.
MCP16251/2
2x3x0.8 TDFN*
PGND
SGND
EN
VOUTS
VOUTP
1
2
3
4
8
7
6
5 SW
VIN
VFB
EP
9
4
1
2
3
6 VIN
VFB
SW
GND
EN
5 VOUT
MCP16251/2
6-Lead SOT-23
* Includes Exposed Thermal Pad (EP); see Table 3-1.
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
with True Output Disconnect or Input/Output Bypass Option


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com