Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 5 Page - Microchip Technology

  MCP16251_16 Datasheet HTML 1Page - Microchip Technology MCP16251_16 Datasheet HTML 2Page - Microchip Technology MCP16251_16 Datasheet HTML 3Page - Microchip Technology MCP16251_16 Datasheet HTML 4Page - Microchip Technology MCP16251_16 Datasheet HTML 5Page - Microchip Technology MCP16251_16 Datasheet HTML 6Page - Microchip Technology MCP16251_16 Datasheet HTML 7Page - Microchip Technology MCP16251_16 Datasheet HTML 8Page - Microchip Technology MCP16251_16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2013 - 2016 Microchip Technology Inc.
DS20005173B-page 5
MCP16251/2
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = EN = 1.5V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 0 mA,
TA = +25°C, SOT-23 package.
FIGURE 2-1:
VOUT IQ vs. Ambient
Temperature.
FIGURE 2-2:
No Load Input Current vs.
Temperature.
FIGURE 2-3:
No Load Input Current vs.
VIN, after Start-Up.
FIGURE 2-4:
2.0V VOUT Efficiency vs.
IOUT.
FIGURE 2-5:
3.3V VOUT Efficiency vs.
IOUT.
FIGURE 2-6:
5.0V VOUT Efficiency vs.
IOUT.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4
6
8
10
V
OUT = 3.3V
R
TOP = 1.69 M
R
BOT = 1.0 M
0
2
-40
-25
-10
5
2035506580
Ambient Temperature (°C)
0
5
10
15
20
25
30
-40 -30 -20 -10 0
1020304050607080
Ambient Temperature (°C)
V
IN = 3.0V
V
IN = 1.5V
V
OUT = 3.3V
R
TOP = 1.69 M
R
BOT = 1.0 M
V
IN = 1.2V
0
5
10
15
20
25
30
35
1
1.5
2
2.5
3
3.5
4
4.5
Input Voltage (V)
R
BOT = 1.0 M
V
OUT = 3.3V
V
OUT = 5.0V
V
OUT = 2.0V
50
55
60
65
70
75
80
85
90
95
100
1
10
100
1000
I
OUT (mA)
V
OUT = 2.0V
V
IN = 0.9V
V
IN = 1.2V
V
IN = 1.5V
55
60
65
70
75
80
85
90
95
100
1
10
100
1000
I
OUT (mA)
V
OUT = 3.3V
V
IN = 0.9V
V
IN = 1.2V
V
IN = 2.5V
60
65
70
75
80
85
90
95
100
1
10
100
1000
I
OUT (mA)
V
OUT = 5.0V
V
IN = 1.2V
V
IN = 1.8V
V
IN = 2.5V
V
IN = 3.6V


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com