Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16251 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 3 Page - Microchip Technology

  MCP16251_16 Datasheet HTML 1Page - Microchip Technology MCP16251_16 Datasheet HTML 2Page - Microchip Technology MCP16251_16 Datasheet HTML 3Page - Microchip Technology MCP16251_16 Datasheet HTML 4Page - Microchip Technology MCP16251_16 Datasheet HTML 5Page - Microchip Technology MCP16251_16 Datasheet HTML 6Page - Microchip Technology MCP16251_16 Datasheet HTML 7Page - Microchip Technology MCP16251_16 Datasheet HTML 8Page - Microchip Technology MCP16251_16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2013 - 2016 Microchip Technology Inc.
DS20005173B-page 3
MCP16251/2
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
EN, VFB, VIN, VSW, VOUT - GND .........................+6.5V
EN, VFB .........< maximum VOUT or VIN > (GND - 0.3V)
Output Short-Circuit Current ...................... Continuous
Output Current Bypass Mode........................... 400 mA
Power Dissipation ............................ Internally Limited
Storage Temperature ......................... -65°C to +150°C
Ambient Temp. with Power Applied...... -40°C to +85°C
Operating Junction Temperature........ -40°C to +125°C
ESD Protection On All Pins:
HBM ............................................................... 4 kV
MM ................................................................ 400V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VIN = 1.5V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V,
IOUT = 0 mA, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Characteristics
Minimum Start-Up Voltage
VIN
0.82
V
Note 1
Minimum Input Voltage
After Start-Up
VIN
0.35
V
Note 1
Output Voltage Adjust
Range
VOUT
1.8
5.5
V
VOUT  VIN
Note 2
Maximum Output Current
IOUT
100
150
mA
1.2V VIN, 2.0V VOUT
125
1.5V VIN, 3.3V VOUT
225
3.3V VIN, 5.0V VOUT
Feedback Voltage
VFB
1.1931
1.23
1.2669
V
Feedback Input
Bias Current
IVFB
10
nA
VOUT Quiescent Current
IQOUT
4.0
8
µA
IOUT = 0 mA, device is not
switching, EN = VIN = 4.0V,
VOUT = 5.0V, does not
include feedback divider
current (Note 3)
VIN Sleep Current
IQIN
1.0
2.3
µA
IOUT = 0 mA, EN = VIN
(Note 3), (Note 5)
No Load Input Current
IIN0
14
25
µA
IOUT = 0 mA, 
device is switching
Quiescent Current –
Shutdown
IQSHDN
0.6
µA
VOUT = EN = GND; 
includes N-Channel and
P-Channel Switch Leakage
Note 1:
3.3 k
 resistive load, 3.3V
OUT (1 mA).
2:
For VIN > VOUT, VOUT will not remain in regulation.
3:
IQOUT is measured at VOUT, VOUT is supplied externally for VOUT > VIN (device is not switching), IQIN is
measured at VIN pin during Sleep period, no load.
4:
220
 resistive load, 3.3V
OUT (15 mA).
5:
Determined by characterization, not production tested.


Similar Part No. - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
More results

Similar Description - MCP16251_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com