Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMFT51AA Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # UMFT51AA
Description  UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT51AA Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  UMFT51AA Datasheet HTML 1Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 2Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright © 2015 Future Technology Devices International Limited
5
UMFT51AA-01 Datasheet
Version 1.0
Document Ref erence No.: FT_001141
Clearance No.: FTDI# 479
4 UMFT51AA Signals and Configurations
4.1 UMFT51AA Pin Out
(DIO0) P1.0
(DIO1) P1.1
(DIO2) P1.2
(DIO3) P1.3
(DIO4) P1.4
(DIO5) P1.5
(DIO6) P1.6
(DIO7) P1.7
(DIO8) P3.0
(DIO9) P3.1
(DIO10) P3.2
(DIO11) P3.3
(DIO12) P3.4
(DIO13) P3.5
(DIO14) P3.6
(DIO15) P3.7
RST
P0.0 (AIO0)
Ground
P0.1 (AIO1)
P0.2 (AIO2)
P0.3 (AIO3)
P0.4 (AIO4)
P0.5 (AIO5)
P0.6 (AIO6)
P0.7 (AIO7)
P2.7 (AIO15)
P2.6 (AIO14)
P2.5 (AIO13)
P2.4 (AIO12)
P2.3 (AIO11)
P2.2 (AIO10)
P2.1 (AIO9)
P2.0 (AIO8)
VCC
`
Figure 4.1 – Module Pin Out
Figure 4.1 illustrates the signals available on the DIL pins. The top image shows the pinout when the
module is viewed from the top. The bottom image shows what signals are available when viewed from
the bottom.


Similar Part No. - UMFT51AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
UMFT51AA 8051 Compatible Module
logo
Future Technology Devic...
UMFT51AA-01 FTDI-UMFT51AA-01 Datasheet
678Kb / 23P
Heart-Rate Monitor with filtered and amplified analogue output
More results

Similar Description - UMFT51AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
UMFT51AA 8051 Compatible Module
logo
ORION FANS
P1RX6A-SX51-01M ORIONFANS-P1RX6A-SX51-01M Datasheet
230Kb / 9P
The P1RX6-SX51-01M (RX-SX51) is an optical module that receives and converts an optical HDMI??signal.
logo
SHANGHAI BELLING CO., L...
BL22P14 BELLING-BL22P14 Datasheet
334Kb / 33P
BL22P14 is an 8-bit high performance single chip microcontroller
logo
ORION FANS
P1TX6A-SX51-01M ORIONFANS-P1TX6A-SX51-01M Datasheet
225Kb / 10P
The P1TX6-SX51-01M (TX-SX51) is an optical module that transmits an HDMI??signal on one strand of multimode fiber.
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
The 74V1G04 is an advanced high-speed
July 2001
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
touch sensing IC is an integrated circuit
logo
Nanjing International G...
ESDPSA0603V05 DGNJDZ-ESDPSA0603V05 Datasheet
1Mb / 5P
this device is an ultra low capacitance
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
The device is an advanced proximity sensor
logo
STMicroelectronics
STS12N3LLH5 STMICROELECTRONICS-STS12N3LLH5 Datasheet
532Kb / 13P
This device is an N-channel Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com