Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMFT51AA Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # UMFT51AA
Description  UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT51AA Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button UMFT51AA Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 9Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 10Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 11Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 12Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 13Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright © 2015 Future Technology Devices International Limited
10
UMFT51AA-01 Datasheet
Version 1.0
Document Ref erence No.: FT_001141
Clearance No.: FTDI# 479
6 Module Dimensions
57.53
9.28
68.38
83.13
7.88
2.54
18.45
15.24
Figure 6.1 – UMFT51AA Module Dimensions
All dimensions are given in millimetres.
The UMFT51AA module exclusively uses lead free components, and is fully compliant with European
Union directive 2002/95/EC.


Similar Part No. - UMFT51AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
UMFT51AA 8051 Compatible Module
logo
Future Technology Devic...
UMFT51AA-01 FTDI-UMFT51AA-01 Datasheet
678Kb / 23P
Heart-Rate Monitor with filtered and amplified analogue output
More results

Similar Description - UMFT51AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
UMFT51AA 8051 Compatible Module
logo
ORION FANS
P1RX6A-SX51-01M ORIONFANS-P1RX6A-SX51-01M Datasheet
230Kb / 9P
The P1RX6-SX51-01M (RX-SX51) is an optical module that receives and converts an optical HDMI??signal.
logo
SHANGHAI BELLING CO., L...
BL22P14 BELLING-BL22P14 Datasheet
334Kb / 33P
BL22P14 is an 8-bit high performance single chip microcontroller
logo
ORION FANS
P1TX6A-SX51-01M ORIONFANS-P1TX6A-SX51-01M Datasheet
225Kb / 10P
The P1TX6-SX51-01M (TX-SX51) is an optical module that transmits an HDMI??signal on one strand of multimode fiber.
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
The 74V1G04 is an advanced high-speed
July 2001
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
touch sensing IC is an integrated circuit
logo
Nanjing International G...
ESDPSA0603V05 DGNJDZ-ESDPSA0603V05 Datasheet
1Mb / 5P
this device is an ultra low capacitance
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
The device is an advanced proximity sensor
logo
STMicroelectronics
STS12N3LLH5 STMICROELECTRONICS-STS12N3LLH5 Datasheet
532Kb / 13P
This device is an N-channel Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com