Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM70N04-07L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUM70N04-07L
Description  N-Channel 40-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM70N04-07L Datasheet(HTML) 5 Page - Vishay Siliconix

  SUM70N04-07L Datasheet HTML 1Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 2Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 3Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 4Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUM70N04-07L
Vishay Siliconix
New Product
Document Number: 72345
S-31617—Rev. A, 11-Aug-03
www.vishay.com
5
THERMAL RATINGS
Safe Operating Area, Junction-to-Case
VDS - Drain-to-Source Voltage (V)
1000
10
0.1
1
10
100
Limited
by rDS(on)
0.1
100
TC = 25_C
Single Pulse
1 ms
10 ms
dc, 100 ms
10
ms
100
ms
1
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
Single Pulse
0
20
40
60
80
100
0
25
50
75
100
125
150
175
Maximum Avalanche and Drain Current
vs. Case Temperature
TC - Case Temperature (_C)
Limited By Package


Similar Part No. - SUM70N04-07L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM70N04-07L VISHAY-SUM70N04-07L Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
logo
Inchange Semiconductor ...
SUM70N04-07L ISC-SUM70N04-07L Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUM70N04-07L-E3 VISHAY-SUM70N04-07L-E3 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
More results

Similar Description - SUM70N04-07L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB70N04-10 VISHAY-SUB70N04-10 Datasheet
55Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 10-Dec-01
SUM110N04-03L VISHAY-SUM110N04-03L Datasheet
40Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. A, 25-Nov-02
SUB85N04-03 VISHAY-SUB85N04-03 Datasheet
69Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. B, 27-Mar-00
SUP85N04-04 VISHAY-SUP85N04-04 Datasheet
58Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. C, 05-Jul-04
SUM110N04-2M7H VISHAY-SUM110N04-2M7H Datasheet
179Kb / 3P
   N-Channel 40-V (D-S) 175C MOSFET
09-Jun-04
SUD50N04-06H VISHAY-SUD50N04-06H Datasheet
61Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUD30N04-10 VISHAY-SUD30N04-10 Datasheet
66Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 18-Aug-03
SUD25N04-25 VISHAY-SUD25N04-25 Datasheet
42Kb / 4P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. B, 27-Aug-01
SUD40N04-10A VISHAY-SUD40N04-10A Datasheet
50Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. A, 26-Mar-01
SUB65P04-15 VISHAY-SUB65P04-15 Datasheet
57Kb / 5P
   P-Channel 40-V (D-S) 175C MOSFET
Rev. A, 01-May-00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com