Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3405 Datasheet(PDF) 4 Page - Exar Corporation

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK3405 Datasheet(HTML) 4 Page - Exar Corporation

  CDK3405 Datasheet HTML 1Page - Exar Corporation CDK3405 Datasheet HTML 2Page - Exar Corporation CDK3405 Datasheet HTML 3Page - Exar Corporation CDK3405 Datasheet HTML 4Page - Exar Corporation CDK3405 Datasheet HTML 5Page - Exar Corporation CDK3405 Datasheet HTML 6Page - Exar Corporation CDK3405 Datasheet HTML 7Page - Exar Corporation CDK3405 Datasheet HTML 8Page - Exar Corporation CDK3405 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
©2009-2013 Exar Corporation
4/11
Rev 1C
Electrical Characteristics
(TA = 25°C, VAA =3.3V, VREF = 1.25V, RL = 37.5Ω, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Current
TA = 25°C (1)
80
85
mA
TA = -40°C to +125°C (2)
95
mA
PD
Total Power Dissipation(2)
TA = -40°C to +125°C
300
mW
Digital Inputs
VIH
Input Voltage, HIGH (1)
TA = -40°C to +125°C
2.5
V
VIL
Input Voltage, LOW (1)
TA = -40°C to +125°C
0.8
V
IIH
Input Current, HIGH (1)
TA = -40°C to +125°C
-1
1
μA
IIL
Input Current, LOW (1)
TA = -40°C to +125°C
-1
1
μA
CI
Input Capacitance
4
pF
Analog Outputs
Output Current (1)
30
mA
RO
Output Resistance
40
CO
Output Capacitance
7
pF
Reference Output
VREF
Reference Voltage Output (1)
TA = -40°C to +125°C
1.135
1.25
1.365
V
Notes:
1. 100% tested at 25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
Switching Characteristics
(TA = 25°C, VAA =3.3V, VREF = 1.25V, RL = 37.5Ω, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Input
Conversion Rate (1)
TA = -40°C to +125°C
180
MSPS
tPWH
Pulse-width HIGH (2)
TA = -40°C to +125°C
2
ns
tPWL
Pulse-width LOW (2)
TA = -40°C to +125°C
2
ns
Data Inputs
tS
Setup
TA = 25°C (1)
1.5
ns
TA = -40°C to +125°C (2)
2
ns
tH
Hold
TA = 25°C (1)
0.6
ns
TA = -40°C to +125°C (2)
0.6
ns
Data Outputs, with 50Ω doubly terminated load
tD
Clock to Output Delay
TA = -40°C to +125°C
1.6
ns
tR
Output Risetime
TA = -40°C to +125°C
0.6
ns
tF
Output Falltime
TA = -40°C to +125°C
0.4
ns
tSET
Settling Time
2.5
ns
tSKEW
Output Skew
0.3
ns
Notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.


Similar Part No. - CDK3405

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48 CADEKA-CDK3405ATQ48 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48Y CADEKA-CDK3405ATQ48Y Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
More results

Similar Description - CDK3405

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
logo
NXP Semiconductors
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com