Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3405 Datasheet(PDF) 3 Page - Exar Corporation

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK3405 Datasheet(HTML) 3 Page - Exar Corporation

  CDK3405 Datasheet HTML 1Page - Exar Corporation CDK3405 Datasheet HTML 2Page - Exar Corporation CDK3405 Datasheet HTML 3Page - Exar Corporation CDK3405 Datasheet HTML 4Page - Exar Corporation CDK3405 Datasheet HTML 5Page - Exar Corporation CDK3405 Datasheet HTML 6Page - Exar Corporation CDK3405 Datasheet HTML 7Page - Exar Corporation CDK3405 Datasheet HTML 8Page - Exar Corporation CDK3405 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
©2009-2013 Exar Corporation
3/11
Rev 1C
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper
device function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect
the operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Power Supply Voltage
VAA (Measured to GND)
-0.5
4.0
V
Digital Inputs
Applied Voltage (measured to GND)(2)
-0.5
VAA + 0.5
V
Forced Current(3,4)
-5.0
5.0
mA
Analog Inputs
Applied Voltage (measured to GND)(2)
-0.5
VAA + 0.5
V
Forced Current(3,4)
-10.0
10.0
mA
Analog Outputs
Applied Voltage (measured to GND)(2)
-0.5
VAA + 0.5
V
Forced Current(3,4)
-60.0
60.0
mA
Short Circuit Duration (single output in HIGH state to GND)
unlimited
sec
Reliability Information
Parameter
Min
Max
Unit
Temperature
Operating, Ambient
-40
125
°C
Junction
150
°C
Lead Soldering (10 seconds)
300
°C
Vapor Phase Soldering (1 minute)
220
°C
Storage
-65
150
°C
Package Thermal Resistance (
θJA)
65
°C/W
Notes:
1. Functional operation under any of these conditions is NOT implied.
Performance and reliability are guaranteed only if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
ESD Protection
Parameter
TQFP-48
Human Body Model (HBM)
TBD
Charged Device Model (CDM)
TBD
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VAA
Power Supply Voltage
3.0
3.3
3.6
V
VREF
Reference Voltage, External
1.0
1.25
1.5
V
CC
Compensation Capacitor
0.1
µF
RL
Output Load
37.5
Ω
TA
Ambient Temperature, Still Air
-40
+125
°C
0
0.5
1
1.5
2
2.5
3
-40 -20
0
20
40
60
80 100 120
Ambient Temperature (°C)
TQFP-48
CDK3405 Power Derating


Similar Part No. - CDK3405

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48 CADEKA-CDK3405ATQ48 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48Y CADEKA-CDK3405ATQ48Y Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
More results

Similar Description - CDK3405

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
8-bit, 180MSPS, Triple Video DAC
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
logo
NXP Semiconductors
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com