Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3400 Datasheet(PDF) 1 Page - Exar Corporation

Part # CDK3400
Description  10-bit, 100/150MSPS, Triple Video DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK3400 Datasheet(HTML) 1 Page - Exar Corporation

  CDK3400 Datasheet HTML 1Page - Exar Corporation CDK3400 Datasheet HTML 2Page - Exar Corporation CDK3400 Datasheet HTML 3Page - Exar Corporation CDK3400 Datasheet HTML 4Page - Exar Corporation CDK3400 Datasheet HTML 5Page - Exar Corporation CDK3400 Datasheet HTML 6Page - Exar Corporation CDK3400 Datasheet HTML 7Page - Exar Corporation CDK3400 Datasheet HTML 8Page - Exar Corporation CDK3400 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
CDK3400/CDK3401
10-bit, 100/150MSPS, Triple Video DACs
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
10-bit resolution
n
150 megapixels per second
n
±0.1% linearity error
n
Sync and blank controls
n
1.0Vpp video into 37.5Ω or 75Ω load
n
Internal bandgap voltage reference
n
Double-buffered data for low distortion
n
TTL-compatible inputs
n
Low glitch energy
n
Single +5V power supply
APPLICATION S
n
Video signal conversion
– RGB
– YCBCR
– Composite, Y, C
n
Multimedia systems
n
Image processing
n
True-color graphics systems
(1 billion colors)
n
Broadcast television equipment
n
High-Definition Television (HDTV)
equipment
n
Direct digital synthesis
General Description
CDK3400/3401 products are low-cost triple D/A converters that are tailored
to fit graphics and video applications where speed is critical. Two speed
grades are available: CDK3400 at 100MSPS and CDK3401 at 150MSPS.
TTL-level inputs are converted to analog current outputs that can drive
25-37.5Ω loads corresponding to doubly-terminated 50-75Ω loads. A sync
current following SYNC input timing is added to the IOG output. BLANK
will override RGB inputs, setting IOG, IOB and IOR currents to zero when
BLANK = L. Although appropriate for many applications, the internal 1.235V
reference voltage can be overridden by the VREF input.
Few external components are required, just the current reference resistor,
current output load resistors, and decoupling capacitors.
Package is a 48-lead TQFP. Fabrication technology is CMOS. Performance is
guaranteed from 0 to 70°C.
Block Diagram
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant Operating Temp Range Packaging Method Package Quantity
CDK3400CTQ48
TQFP-48
Yes
Yes
0°C to +70°C
Tray
250
CDK3401CTQ48
TQFP-48
Yes
Yes
0°C to +70°C
Tray
250
Moisture sensitivity level for all parts is MSL-3.
10-bit D/A
Converter
10
SYNC
CLOCK
G9-0
COMP
+1.235V
Ref
IOG
BLANK
10-bit D/A
Converter
10
B9-0
IOB
10-bit D/A
Converter
10
R9-0
IOR
REF
REF
SYNC
R
V


Similar Part No. - CDK3400

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
CDK3400CTQ48 CADEKA-CDK3400CTQ48 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
CDK3400CTQ48Y CADEKA-CDK3400CTQ48Y Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results

Similar Description - CDK3400

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
CDK3402 CADEKA-CDK3402 Datasheet
996Kb / 11P
   8-bit, 100/150MSPS, Triple Video DACs
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com