Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7202-001 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7202-001
Description  2-Channel Echo Canceler with Multifunction ADPCM Transcoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7202-001 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7202-001 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
FEDL7202-001-01
ML7202-001
6/65
Pin
Symbol
I/O
PDN/RST
=”0”
Description
24
TSTI8
I
I
Input pin for testing. Fix this pin to “0”.
25
BCLKA
I
I
Shift clock input pin for ADPCM data (IS1, IS2, IR1, and IR2). The
frequency is within the range of 64 to 2048 kHz.
26
SYNCA
I
I
8 kHz synchronous signal input pin for ADPCM data. This signal must
be synchronized with the BCLKA signal. This signal indicates the
location of MSB of ADPCM data.
27
IR1
I
I
4-bit ADPCM data input pin on the receive side of channel 1. The
signal that is input to this pin is output to the PCMADO1 pin when
CR0-B3 (IOSEL) is set to “1” and the signal is output to the PCMLNO1
pin when CR0-B3 is set to “0”. This ADPCM data is shifted on the
falling edge of BCLKA, synchronized to SYNCA and input serially
starting from MSB.
When CR2-B7 (CONTA1) is set to “1”, this pin is configured as an 8-bit
PCM data input and the data is processed skipping the ADPCM
transcoder. When CR2-B5 (DTHR1) is set to “1”, the output pin set by
CR0-B3 (IOSEL) is configured as a 4-bit ADPCM data output and the
4-bit ADPCM input data is output as it is.
When CR2-B5 (DTHR1) is set to “1”, the MUTE function is disabled
and, even if CR2-B7 (CONTA1) is set to “1”, the pin is not configured
as an 8-bit PCM data input.
28
IR2
I
I
4-bit ADPCM data input pin on the receive side of channel 2. The
signal that is input to this pin is output to the PCMADO2 pin when
CR0-B3 (IOSEL) is set to “1” and the signal is output to the PCMLNO2
pin when CR0-B3 is set to “0”. This ADPCM data is shifted on the
falling edge of BCLKA, synchronized to SYNCA and input serially
starting from MSB.
When CR3-B7 (CONTA2) is set to “1”, this pin is configured as an 8-bit
PCM data input and the data is processed skipping the ADPCM
transcoder. When CR3-B5 (DTHR2) is set to “1”, the output pin set by
CR0-B3(IOSEL) is configured as a 4-bit ADPCM data output and the
4-bit ADPCM input data is output as it is.
When CR3-B5 (DTHR2) is set to “1”, the MUTE function is disabled,
and even if CR3-B7 (CONTA2) is set to “1”, the pin is not configured as
an 8-bit PCM data input.
29
IS1
O
Hi-Z
ADPCM data output pin on the transmit side of channel 1. When
CR0-B3 (IOSEL) is set to “1”, the signal that is input from the
PCMADI1 pin is output from this pin. When CR0-B3 is set to “0”, the
signal that is input from the PCMLNII1 pin is output. ADPCM data is
output serially starting from MSB, synchronized to the rising edges of
BCLKA and SYNCA, and this pin gets in a high impedance state
except when the 4-bit ADPCM data is being output.
Also during power-down/reset and initial mode, this pin is put in a high
impedance state.
When CR2-B7 (CONTA1) is set to “1”, this pin is configured as an 8-bit
PCM data output skipping the ADPCM transcoder. This pin gets in a
high impedance state except when the 8-bit PCM data is being output.
When CR2-B5 (DTHR1) is set to “1”, the 4-bit ADPCM input data from
the input pin set by CR0-B3 (IOSEL) is output from this pin as it is.
This pin gets in a high impedance state except when the 4-bit ADPCM
data is being output. When CR2-B5 (DTHR1) is set to “1”, the MUTE
function is disabled, and the pin is not configured as an 8-bit PCM data
output even if CR2-B7 (CONTA1) is set to “1”.


Similar Part No. - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results

Similar Description - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
2-Channel Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
Echo Canceler
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
CMOS Quad ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com