Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7202-001 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7202-001
Description  2-Channel Echo Canceler with Multifunction ADPCM Transcoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7202-001 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML7202-001 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
FEDL7202-001-01
ML7202-001
4/65
PIN DESCRIPTIONS
Pin
Symbol
I/O
State when
PDN/RST
=”0”
Description
1
DGND1
Digital ground pin
2
D0
I/O
I
3
D1
I/O
I
4
D2
I/O
I
5
D3
I/O
I
6
D4
I/O
I
7
D5
I/O
I
8
D6
I/O
I
9
D7
I/O
I
Data I/O pins for accessing control registers.
This LSI contains 32-byte control registers and reads/writes by an
external microcontroller are via the WR, RD, and CS pins.
See
“Microcontroller
Interface
Write/Read
Timing”
in
the
“ELECTRICAL CHARACTERISTICS” Section.
10
WR
I
I
Write enable input pin for accessing the control registers
11
RD
I
I
Read enable input pin for accessing the control registers. This pin is
enabled when the MTYPE pin is set to “0” and is disabled when the
MTYPE pin is set to “1”. When this pin is disabled, fix this pin to “1”.
12
CS
I
I
Chip select input pin for the control registers
13
PDN/RST
I
“0”
Power-down and reset control input pin. When this pin is set to ”0”, the
LSI is powered down. In power down mode, all of the control registers,
internal data memories, coefficients in the echo canceler and the
ADPCM transcoder are reset.
For normal operation, set this pin to “1”. Since the power-down reset
function is determined by the OR’ed value of a negative logic of this pin
and the CR0-B7 (SPDN), set the CR0-B7 (SPDN) to “0” when using
the pin.
When applying power, hold the pin in “0” for 250
S or longer from the
master clock input (20 clocks minimum) after the digital supply
(DVDD1 and DVDD2) voltage and the analog supply (AVDD) voltage
reach 90% of their nominal value. See “Reset Function” in the “TIMING
DIAGRAM” Section. Note that the specifications prescribed in this
data sheet may not be satisfied until the requirements of inputting a
minimum of 20 master clock pulses and holding the pin in “0” for 250
S or more are met.
14
TSTI7
I
I
Input pin for LSI manufacturer’s tests. Fix this pin to “0”.
15
MCK
I
I
Master clock input pin. The input frequency shall be 19.2 MHz. The
master clock can be asynchronized to SYNCL, SYNCA, BCLKL, and
BCLKA.
16
AGND
Analog ground pin
17
SG
O
“0”
Output pin for analog signal ground in the LSI. The output voltage is
about 1.4 V. Connect 10
F and 0.1 F (ceramic type) bypass
capacitors between this pin and the AGND pin.
This output cannot be directly used as analog signal ground. A buffer
should be placed when this output is used.
18
AVDD
+3.3 V analog power supply pin


Similar Part No. - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results

Similar Description - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com