Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7202-001 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7202-001
Description  2-Channel Echo Canceler with Multifunction ADPCM Transcoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7202-001 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7202-001 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
FEDL7202-001-01
ML7202-001
10/65
Pin
Symbol
I/O
PDN/RST
=”0”
Description
45
PCMADI1
I
I
PCM data input pin of channel 1. When CR0-B3 (IOSEL) is set to ”1”,
input to this pin is enabled; and when CR0-B3 is set to “0”, input to the
pin is disabled. When the pin input is disabled, fix the pin to “0” or “1”.
The PCM input signal is shifted on the falling edge of BCLKL and is
input starting from MSB.
The beginning of PCM data (MSB) is
identified by the rising edge of SYNCL. When CR2-B5 (DTHR1) is set
to “1”, the pin is configured as a 4-bit ADPCM data input and the 4-bit
ADPCM data input from this pin is output to the IS1 pin as it is. When
CR2-B7 (CONTA1) is set to “1”, the ADPCM transcoder goes into a
through mode and 8-bit PCM data input from this pin is output to the
IS1 pin as it is.
46
PCMADI2
I
I
PCM data input pin of channel 2. When CR0-B3 (IOSEL) is set to ”1”,
input to this pin is enabled; and when CR0-B3 is set to “0”, input to the
pin is disabled. When the pin input is disabled, fix the pin to “0” or “1”.
The PCM input signal is shifted on the falling edge of BCLKL and is
input starting from MSB.
The beginning of PCM data (MSB) is
identified by the rising edge of SYNCL. When CR3-B5 (DTHR2) is set
to “1”, the pin is configured as a 4-bit ADPCM data input and the 4-bit
ADPCM data input from this pin is output to the IS2 pin as it is. When
CR3-B7 (CONTA2) is set to “1”, the ADPCM transcoder goes into a
through mode and 8-bit PCM data input from this pin is output to the
IS2 pin as it is.
47
BCLKL
I
I
Shift clock input pin for PCM data (PCMLNO1/PCMLNI1, PCMACO1
/PCMACI1, PCMADO1/PCMADI1, PCMLNO2/PCMLNI2, PCMACO2
/PCMACI2, and PCMADO2/PCMADI2).
The input frequency is 64 to 2048 kHz.
48
SYNCL
I
I
8 kHz synchronous signal input pin for PCM data. This signal must be
synchronized to the BCLKL signal.
49
TSTI0
I
I
Input pin for testing. Fix this pin to “0”.
50
MTYPE
I
I
Microcontroller interface select pin. When the pin is set to “0”, the pin
is in read/write independent control mode; and when it is set to “1”, the
pin is in read/write shared (R/W) control mode.
When this pin is set to “1”, fix the RD pin to “1”.
51
TSTI1
I
I
52
TSTI2
I
I
53
TSTI3
I
I
54
TSTI4
I
I
55
TSTI5
I
I
Input pins for LSI manufacturer’s testing. Fix these pins to “0”.
56
A0
I
I
57
A1
I
I
58
A2
I
I
59
A3
I
I
60
A4
I
I
Address input pins for accessing the control register
61
VBG
O
About
1.2 V
Regulator reference voltage output pin. The output voltage is about
1.2 V.
Connect a 150 pF bypass capacitor between this pin and the DGND1
pin.
62
DVDD1
+3.3 V digital power supply pin
63
VOUT1
O
About
2.6 V
Regulator output pin. The output voltage is about 2.6 V.
Connect 10
F and 0.1 F bypass capacitors between this pin and the
DGND1 pin.
64
TSTI6
I
I
Input pin for LSI manufacturer’s testing. Fix this pin to “0”.


Similar Part No. - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results

Similar Description - ML7202-001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
2-Channel Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
CMOS Quad ADPCM Transcoder
logo
OKI electronic componet...
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
Echo Canceler with ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com