Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7202-001 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7202-001
Description  2-Channel Echo Canceler with Multifunction ADPCM Transcoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7202-001 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7202-001 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7202-001 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
FEDL7202-001-01
ML7202-001
7/65
Pin
Symbol
I/O
PDN/RST
=”0”
Description
30
IS2
O
Hi-Z
ADPCM data output pin on the transmit side of channel 2. When
CR0-B3 (IOSEL) is set to “1”, the signal that is input from the
PCMADI2 pin is output from this pin. When CR0-B3 is set to “0”, the
signal that is input from the PCMLNII2 pin is output. ADPCM data is
output serially starting from MSB, synchronized to the rising edges of
BCLKA and SYNCA, and this pin gets in a high impedance state
except when the 4-bit ADPCM data is being output.
Also during power-down/reset and initial mode, this pin is put in a high
impedance state.
When CR3-B7 (CONTA2) is set to “1”, this pin is configured as an 8-bit
PCM data output skipping the ADPCM transcoder. This pin gets in a
high impedance state except when the 8-bit PCM data is being output.
When CR3-B5 (DTHR2) is set to “1”, the 4-bit ADPCM input data from
the input pin set by CR0-B3 (IOSEL) is output from this pin as it is.
This pin gets in a high impedance state except when the 4-bit ADPCM
data is being output. When CR3-B5 (DTHR2) is set to “1”, the MUTE
function is disabled, and the pin is not configured as an 8-bit PCM data
output even if CR3-B7 (CONTA2) is set to “1”.
31
DVDD2
+3.3 V digital power supply pin
32
VOUT2
O
About 2.6 V
Regulator output pin. The output voltage is about 2.6 V.
Connect 10
F and 0.1 F bypass capacitors between this pin and the
DGND2 pin.
33
DGND2
Digital Ground pin
34
PCMADO1
O
Hi-Z
PCM data output pin of channel 1. This pin is enabled when CR0-B3
(IOSEL) is set to “1” and is put in a high impedance state when
CR0-B3 is set to “0”. The PCM data is output serially starting from
MSB, synchronized to the rising edges of BCLKL and SYNCL, and the
pin gets in a high impedance state except when the 8-bit PCM data is
being output. Also during power-down reset and initial mode, the pin is
also put in a high impedance.
When CR2-B5 (DTHR1) is set to “1”, this pin is configured as a 4-bit
ADPCM data output and 4-bit ADPCM input data from the IR1 pin is
output as it is. This pin gets in a high impedance state except when
the 4-bit ADPCM data is being output. When CR2-B7 (CONTA1) is set
to “1”, the ADPCM transcoder goes into a through mode and 8-bit
PCM input data from the IR1 pin is output as it is from this pin. The pin
gets in a high impedance state except when the 8-bit PCM data is
being output.
When CR2-B5 (DTHR1) is set to “1”, the MUTE function is disabled
and the pin is not configured as an 8-bit PCM data output even if
CR2-B7 (CONTA1) is set to “1”.


Similar Part No. - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results

Similar Description - ML7202-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com