Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC3588N6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTC3588N6
Description  N- And P-Channel Enhancement Mode Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC3588N6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTC3588N6_16 Datasheet HTML 1Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 2Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 3Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 4Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 5Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 6Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 7Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 8Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C102N6
Issued Date : 2015.08.13
Revised Date : 2016.10.11
Page No. : 2/12
MTC3588N6
CYStek Product Specification
Absolute Maximum Ratings (Ta=25C)
Parameter
Symbol
Limits
Unit
N-channel
P-channel
Drain-Source Breakdown Voltage
BVDSS
14
-14
V
Gate-Source Voltage
VGS
±8
±8
Continuous Drain Current @TA=25 C (Note 1)
ID
5.4
-3.6
A
Continuous Drain Current @TA=70 C (Note 1)
4.3
-2.9
Pulsed Drain Current (Note 2)
IDM
20
-20
Total Power Dissipation (Note 1)
Linear Derating Factor
PD
1.14
W
0.01
W / C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
C
Note : 1.Surface mounted on 1 in²copper pad of FR-4 board, t≤5 sec.
2.
Pulse width limited by maximum junction temperature.
N-Channel Electrical Characteristics (Tj=25C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
14
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
8
-
mV/C
Reference to 25C, ID=1mA
VGS(th)
0.4
-
1.0
V
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±8V, VDS=0V
IDSS
-
-
1
μA
VDS=12V, VGS=0V
-
-
10
VDS=10V, VGS=0V, Tj=70C
*RDS(ON)
-
17.6
25
m
ID=5A, VGS=4.5V
-
24.7
33
ID=4.6A, VGS=2.5V
*GFS
-
5.6
-
S
VDS=5V, ID=3A
Dynamic
Ciss
-
407
-
pF
VDS=10V, VGS=0V, f=1MHz
Coss
-
115
-
Crss
-
100
-
*td(ON)
-
5
-
ns
VDS=10V, ID=1A, VGS=5V, RG=3.3Ω
*tr
-
18.8
-
*td(OFF)
-
49.6
-
*tf
-
30.8
-
*Qg
-
6.5
-
nC
VDS=10V, ID=3A, VGS=4.5V
*Qgs
-
0.7
-
*Qgd
-
2.3
-
Rg
-
1
-
Ω
f=1MHz
Source-Drain Diode
*VSD
-
0.87
1.2
V
VGS=0V, IS=5.2A
*trr
-
12
-
ns
IF=3A, VGS=0V, dIF/dt=100A/μs
*Qrr
-
2.3
-
nC
*Pulse Test : Pulse Width 300μs, Duty Cycle2%


Similar Part No. - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6 Datasheet
543Kb / 12P
N- And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
N-and P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com