Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC3588N6 Datasheet(PDF) 12 Page - Cystech Electonics Corp.

Part # MTC3588N6
Description  N- And P-Channel Enhancement Mode Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC3588N6 Datasheet(HTML) 12 Page - Cystech Electonics Corp.

Back Button MTC3588N6_16 Datasheet HTML 4Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 5Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 6Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 7Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 8Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 9Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 10Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 11Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C102N6
Issued Date : 2015.08.13
Revised Date : 2016.10.11
Page No. : 12/12
MTC3588N6
CYStek Product Specification
SOT-26 Dimension
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
1.050
1.250
0.041
0.049
E
1.500
1.700
0.059
0.067
A1
0.000
0.100
0.000
0.004
E1
2.650
2.950
0.104
0.116
A2
1.050
1.150
0.041
0.045
e
0.950 (BSC)
0.037 (BSC)
b
0.300
0.500
0.012
0.020
e1
1.800
2.000
0.071
0.079
c
0.100
0.200
0.004
0.008
L
0.300
0.600
0.012
0.024
D
2.820
3.020
0.111
0.119
θ
0
8
0
8
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
 Lead : Pure tin plated.
 Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
 CYStek reserves the right to make changes to its products without notice.
 CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
 CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
6-Lead SOT-26 Plastic
Surface Mounted Package
CYStek Package Code: N6
Style:
Pin 1. Drain
(D)
Pin 2. Drain
(D)
Pin 3. Gate
(G)
Pin 4. Source
(S)
Pin 5. Drain
(D)
Pin 6. Drain
(D)
3588
□□□□
Device Name
Date Code


Similar Part No. - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6 Datasheet
543Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com