Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC3588N6 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTC3588N6
Description  N- And P-Channel Enhancement Mode Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC3588N6 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTC3588N6_16 Datasheet HTML 1Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 2Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 3Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 4Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 5Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 6Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 7Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 8Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C102N6
Issued Date : 2015.08.13
Revised Date : 2016.10.11
Page No. : 1/12
MTC3588N6
CYStek Product Specification
N- And P-Channel Enhancement Mode Power MOSFET
MTC3588N6
Features
• Simple drive requirement
• Low gate charge
• Low on-resistance
• Fast switching speed
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTC3588N6-0-T1-G
SOT-26
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
MTC3588N6
SOT-26
G:Gate S:Source D:Drain
G1
S2
G2
D1
S1
D2
N-CH
P-CH
BVDSS
14V
-14V
ID @ TA=25 °C
5.4A(VGS=4.5V)
-3.6A(VGS=-4.5 V)
RDSON(TYP.)
17.6mΩ(VGS=4.5V)
45.1mΩ(VGS=-4.5V)
24.7mΩ(VGS=2.5V)
65.6mΩ(VGS=-2.5V)
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6 Datasheet
543Kb / 12P
N- And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
N-and P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com