Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC3588N6 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTC3588N6
Description  N- And P-Channel Enhancement Mode Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC3588N6 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTC3588N6_16 Datasheet HTML 1Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 2Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 3Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 4Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 5Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 6Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 7Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 8Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C102N6
Issued Date : 2015.08.13
Revised Date : 2016.10.11
Page No. : 4/12
MTC3588N6
CYStek Product Specification
N-channel Typical Characteristics
Typical Output Characteristics
0
4
8
12
16
20
0
1
2
3
4
5
VDS, Drain-Source Voltage(V)
VGS=1.5V
VGS=2V
5V, 4V, 3.5V, 3V, 2.5V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1.0
1.2
1.4
-75
-50
-25
0
25
50
75
100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
1
10
100
1000
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=1.8V
VGS=1.5V
VGS=4.5V
VGS=2.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
IDR, Reverse Drain Current(A)
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
8
VGS, Gate-Source Voltage(V)
ID=5A
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=4.5V, ID=5A
RDS(ON)@Tj=25°C : 17.6mΩ typ.


Similar Part No. - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6 Datasheet
543Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com