Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC3588N6 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTC3588N6
Description  N- And P-Channel Enhancement Mode Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC3588N6 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTC3588N6_16 Datasheet HTML 1Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 2Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 3Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 4Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 5Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 6Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 7Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 8Page - Cystech Electonics Corp. MTC3588N6_16 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C102N6
Issued Date : 2015.08.13
Revised Date : 2016.10.11
Page No. : 3/12
MTC3588N6
CYStek Product Specification
P-Channel Electrical Characteristics (Tj=25C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-14
-
-
V
VGS=0V, ID=-250μA
∆BVDSS/∆Tj
-
-5
-
mV/C
Reference to 25C, ID=-1mA
VGS(th)
-0.4
-
-1.0
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±8V, VDS=0V
IDSS
-
-
-1
μA
VDS=-12V, VGS=0V
-
-
-10
VDS=-10V, VGS=0, Tj=70C
*RDS(ON)
-
45.1
60
m
ID=-3.6A, VGS=-4.5V
-
65.6
87
ID=-3.2A, VGS=-2.5V
*GFS
-
5.6
-
S
VDS=-5V, ID=-2A
Dynamic
Ciss
-
561
-
pF
VDS=-10V, VGS=0V, f=1MHz
Coss
-
153
-
Crss
-
142
-
*td(ON)
-
5
-
ns
VDS=-10V, ID=-1A, VGS=-5V, RG=3.3Ω
*tr
-
18.8
-
*td(OFF)
-
49.6
-
*tf
-
30.8
-
*Qg
-
8
-
nC
VDS=-10V, ID=-2A, VGS=-4.5V
*Qgs
-
1
-
*Qgd
-
2.8
-
Rg
-
9.3
-
f=1MHz
Source-Drain Diode
*VSD
-
-0.9
-1.2
V
VGS=0V, IS=-3.4A
*trr
-
27
-
ns
IF=-2A, VGS=0V, dIF/dt=100A/μs
*Qrr
-
7
-
nC
*Pulse Test : Pulse Width 300μs, Duty Cycle2%
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
80
C/W
Thermal Resistance, Junction-to-ambient, max
RθJA
110 (Note )
Note :.Surface mounted on 1 in²copper pad of FR-4 board, t≤5 sec; 180
C/W when mounted on minimum copper pad


Similar Part No. - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6 Datasheet
543Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTC3588N6_16

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com