Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-35L Datasheet(PDF) 6 Page - Copal Electronics

Part # PG-35L
Description  HIGH VACUUM CORRESPONDENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L Datasheet(HTML) 6 Page - Copal Electronics

  PG-35L Datasheet HTML 1Page - Copal Electronics PG-35L Datasheet HTML 2Page - Copal Electronics PG-35L Datasheet HTML 3Page - Copal Electronics PG-35L Datasheet HTML 4Page - Copal Electronics PG-35L Datasheet HTML 5Page - Copal Electronics PG-35L Datasheet HTML 6Page - Copal Electronics PG-35L Datasheet HTML 7Page - Copal Electronics PG-35L Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5
Tube at atmospheric pressure intake
Piping
Non-Display Mode
Zero point Adjustment
Others
Use a wrench on a hexagon of fitting part. Do not hold the main body when tightening.
If there is any possibility that the sensor may become wet with oil or water, which may
enter the case through the air intake, connect a silicon tube, or similar, to the intake and
position the end of the tube in a suitably safe place. Be sure not to bend the tube or block
the end of the tube.
Example of a tube with
external diameter ofφ4
and internal diameter
of φ2.5
Pressing
the
and buttons simultaneously in the Operations Mode
displays   on the screen. One second later this change to
than
the
and
buttons are released.(If the pressure port is opened to the
atmosphere.)
<Non-Display[Temporary]Mode>
・When the keys are not operated for more than 10 seconds during Operation Mode,the system will automatically select Non-Display
[Temporary]Mode and the display will turn off.
・Decimal point LED shown in the figure below will blink during Non-Display[Temporary]Mode.
・Using the EEPROM,the PG-35L can retain preset values even if the power is turned off.
・If an error message is detected,the display will comeback and show the error message.
・You can change any functions during Non-Display[Temporary]Mode.
・To enable Non-Display[Temporary]Mode,press   key for more than 4 seconds.      will be displayed and Non-Display
[Temporary]Mode will be set.After 10 seconds,display will go off.
・To disable Non-Display[Temporary]Mode,press   key for more than 4 seconds.      will be displayed and Non-Display
[Temporary]Mode will be canceled.
(How to set)
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
Blink
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
<Non-Display[Full-time]Mode>
・In Non-Display[Full-time]Mode, the display will be turned off and the Keys will be locked.
・Decimal point LED shown in the figure below will light up during Non-Display[Full-time]Mode.
・Using the EEPROM, the PG-35L can retain the preset values even if the power is turned off.
・If an error message is detected,the display will comeback and show the error message.
・You cannot change any functions during Non-Display[Full-time]Mode.
・To enable Non-Display[Full-time]Mode,press   key for more than 4 seconds.      will be displayed and Non-Display[Full-time]
Mode will be set.Display will turn off in a second.
・To disable Non-Display[Full-time]Mode,press   key for more than 4 seconds.      will be displayed and Non-Display[Full-time]
Mode will be canceled.
(How to set)
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
Light up


Similar Part No. - PG-35L

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L-102R-NG2 COPAL-PG-35L-102R-NG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NR2 COPAL-PG-35L-102R-NR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NVC COPAL-PG-35L-102R-NVC Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PG2 COPAL-PG-35L-102R-PG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PR2 COPAL-PG-35L-102R-PR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
logo
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
logo
NXP Semiconductors
AZ50 PHILIPS-AZ50 Datasheet
67Kb / 3P
   HIGH VACUUM FULL WAVE RECTIFIER
6.6.1953
logo
List of Unclassifed Man...
345A ETC2-345A Datasheet
112Kb / 4P
   RECTIFIER FULL-WAVE, HIGH VACUUM
logo
NXP Semiconductors
GZ34 PHILIPS-GZ34 Datasheet
320Kb / 12P
   HIGH-VACUUM FULL-WAVE RECTIFIER
2.2.1958
UY1N PHILIPS-UY1N Datasheet
123Kb / 5P
   HIGH VACUUM HALF WAVE RECTIFIER
23.8.1948
logo
List of Unclassifed Man...
5Z4 ETC1-5Z4 Datasheet
108Kb / 2P
   FULL-WAVE HIGH-VACUUM RECTIFIER
4063-AB ETC2-4063-AB Datasheet
80Kb / 2P
   HIGH VACUUM CATHODE RAY TUBES
logo
NXP Semiconductors
DY82 PHILIPS-DY82 Datasheet
98Kb / 5P
   HIGH-VACUUM SINGLE-ANODE RECTIFYING TUBE
6.6.1958
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com