Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-35L Datasheet(PDF) 5 Page - Copal Electronics

Part # PG-35L
Description  HIGH VACUUM CORRESPONDENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L Datasheet(HTML) 5 Page - Copal Electronics

  PG-35L Datasheet HTML 1Page - Copal Electronics PG-35L Datasheet HTML 2Page - Copal Electronics PG-35L Datasheet HTML 3Page - Copal Electronics PG-35L Datasheet HTML 4Page - Copal Electronics PG-35L Datasheet HTML 5Page - Copal Electronics PG-35L Datasheet HTML 6Page - Copal Electronics PG-35L Datasheet HTML 7Page - Copal Electronics PG-35L Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4
Pressure Settings Mode
Troubleshooting
+/−
SW1
SW2
Press the  and  buttons
simultaneously to enter
the Pressure Settings Mode.
(The SW1 LED flashes.)
The LED of an item flashes
when selected using the
button.
Press the  button to select
between switch output 1 setting
(SW1), switch output 2 setting
(SW2), or the hysteresis setting.
Set the value
using the
and
buttons.
Press the  button for
more than one second
to return to the Operations
Mode.
■If the following error messages are displayed, follow the procedures in the table.
Display and problem
Cause
Solution
E - 1
E - 2
E - 3 , E - 4
999 Flashing
Flashing of the pressure value
Black out of the display
Disable the key operation
Output current is exceeding 100mA.
Turn off the power and verify the load
connected switch output 1 and 2.
Press M button and return the applied pressure to the
atmospheric pressure and try zero-point adjustment again.
Please contact us. Please use a regulated DC power
supply and measures for the power line noise.
Normal state
Normal state
Normal state (See Non-display mode.)
Normal state (See Key protection mode.)
Pressure was applied at the zero point
adjustment.
Failure of the internal circuit.
Pressure values exceed the display range.
Pressure values exceed the rated pressure
range.(110%FS)
Non-display mode
Key protection mode
Note:+50%F.S. is set prior to delivery.
An example of setting 60kPa for switch output 1(SW1 LED is flashing)with 102R.
To set switch output 1 the SW1 LED should be flashing.(To set switch output 2 the SW2 LED should be flashing.)
Note:20digits is set prior to delivery.
An example of setting a hysteresis value of 8.0kPa with the 102R(kPa).
Hysteresis setting
Switch output 2
setting
Switch output 1
setting
To set hysteresis the“−”LED should be flashing.
To set Digital Filter all LED should be not flashing. An example of setting 2.5s response time by Digital Filter.
Press the
button until
the SW1 LED flashes.
Set the value to“60.0”
using the  and  
buttons.
Press the  button for
more than one second
to return to the Operations
Mode.
Press the  and  buttons.
Press the  button until
the −LED flashes.
Set the value to“8.0”
using the  and 
buttons.
Press the  button for
more than one second to
return to the Operations
Mode.
Note:“F-0”is set prior to delivery.
Press the  and  buttons.
Press the  button until
all LED do not flashe.
Set the value to“F-3”
using the  and 
buttons.
Press the  button for
more than one second to
return to the Operations
Mode.
F-0:Response Time=5ms
F-1:Response Time=25ms
F-2:Response Time=250ms
F-3:Response Time=2.5s
Digital filter setting
+/−
SW1
SW2
Press the  and  buttons
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
Switch Output Setting
Hysteresis setting
Digital Filter setting


Similar Part No. - PG-35L

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L-102R-NG2 COPAL-PG-35L-102R-NG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NR2 COPAL-PG-35L-102R-NR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NVC COPAL-PG-35L-102R-NVC Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PG2 COPAL-PG-35L-102R-PG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PR2 COPAL-PG-35L-102R-PR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
logo
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
logo
NXP Semiconductors
AZ50 PHILIPS-AZ50 Datasheet
67Kb / 3P
   HIGH VACUUM FULL WAVE RECTIFIER
6.6.1953
logo
List of Unclassifed Man...
345A ETC2-345A Datasheet
112Kb / 4P
   RECTIFIER FULL-WAVE, HIGH VACUUM
logo
NXP Semiconductors
GZ34 PHILIPS-GZ34 Datasheet
320Kb / 12P
   HIGH-VACUUM FULL-WAVE RECTIFIER
2.2.1958
UY1N PHILIPS-UY1N Datasheet
123Kb / 5P
   HIGH VACUUM HALF WAVE RECTIFIER
23.8.1948
logo
List of Unclassifed Man...
5Z4 ETC1-5Z4 Datasheet
108Kb / 2P
   FULL-WAVE HIGH-VACUUM RECTIFIER
4063-AB ETC2-4063-AB Datasheet
80Kb / 2P
   HIGH VACUUM CATHODE RAY TUBES
logo
NXP Semiconductors
DY82 PHILIPS-DY82 Datasheet
98Kb / 5P
   HIGH-VACUUM SINGLE-ANODE RECTIFYING TUBE
6.6.1958
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com