Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-35L Datasheet(PDF) 4 Page - Copal Electronics

Part # PG-35L
Description  HIGH VACUUM CORRESPONDENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L Datasheet(HTML) 4 Page - Copal Electronics

  PG-35L Datasheet HTML 1Page - Copal Electronics PG-35L Datasheet HTML 2Page - Copal Electronics PG-35L Datasheet HTML 3Page - Copal Electronics PG-35L Datasheet HTML 4Page - Copal Electronics PG-35L Datasheet HTML 5Page - Copal Electronics PG-35L Datasheet HTML 6Page - Copal Electronics PG-35L Datasheet HTML 7Page - Copal Electronics PG-35L Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3
Multiplier factor Setting
Analog Output Setting
Switch Output Setting
Note:“1”is set prior to delivery.
Press the  button until
the − LED under the
third digit flashes.
Set the value of the third
digit to“4”using  and
  buttons.
Press the  button for more
than one second to return
to the Operations Mode.
An example of setting“4”.
※Change of magnification setting is effective only for pressure reading. Set values for switching are not scaled automatically.
The multiplier factor setting is determined by the value of the third digit : the red −LED should be flashing during the setting.
The analog output setting is determined by the value of the second digit:the green SW1 LED should be flashing during the setting.
The switch output setting is determined by the value of the first digit : the red SW2 LED should be flashing during the setting.
There are four operation modes. These are shown in the diagrams below.
Note 1. In the Separate Mode, setting 1 corresponds to SW1, and Setting 2 corresponds to SW2.
Note 2. In the Window Comparator Mode, the minimum value for SW1 and SW2 corresponds to Setting 1 and the
    maximum value corresponds to Setting 2.
Pressure range(-Pr∼+Pr)
Muitiplier factor
102R
103R
1
2
3
R mode(Compound pressure output)
G mode(Positive pressure output)
V mode(Negative pressure output)
Mode
−Pr           0           +Pr
(Vzero)
1V
1V
1V
5V
5V
5V
Sections containing an oblique stroke are multiplier factor that cannot be selected because of resolving power or display digits.
(Values will not be displayed automatically.)
In the Operations Mode, press the
  and  buttons simultaneously to
enter the Initial Settings Mode.
Press the  button until the
SW1 LED under the second
digit flashes.
Set the value of the second
digit to“1”using the  and
  buttons.
An example of setting the R mode in the 102R range.
Notes:V mode for 102R are set prior to shipment.R/G mode for 103R can only be selected.
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
In the operations mode,
press the  and 
buttons simultaneously
to enter the Initial
Settings Mode.
Press the  button
until the SW2 LED
under the first digit
flashes.
Set the value of the
first digit to“7”
using the
  and  buttons.
Press the  button
for more than one
second to return to
the Operations Mode.
Output
Mode
Operation
1
2
3
4
5
6
7
8
SW1 output
Separate
H
L
A
B
H
L
A
B
Window comparator
Note 1
Setting 1
Note 2
Minimum: Setting 1
Maximum: Setting 2
Minimum: Setting 1
Maximum: Setting 2
Note 1
Setting 2
Note 2
Separate Window comparator
SW2 output
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
■Window Comparator Mode
(An example of setting the value“7”
for the mode shown in the diagram.)
ON
ON
OFF
OFF
SW1
SW2
Setting
value 1
Setting
value 2
Hysteresis
Hysteresis
Separate Mode
Window Comparator Mode
In the operations mode, press
the  and  buttons simultaneously
to enter the Initial Settings Mode.
Press the  button for more
than one second to return to
the Operations Mode.
Low
High
(H operation)
OFF
ON
-Pr
Pr
H
H
P1:SW1
P2:SW2
ON
OFF
-Pr
Pr
H
H
P1:SW1
P2:SW2
(L operation)
(A operation)
OFF
ON
ON
-Pr
Pr
HH
P1
P2
P1
P2
(B operation)
OFF
OFF
ON
-Pr
Pr
HH
1
2
3
4
5
6
7
8
9
A
b
-99.9∼99.9
-999∼999
-750∼750
-999∼999
-14.5∼14.5
-29.5∼29.5
-100∼999
-1.02∼9.99
-1.00∼9.99
-14∼145
-0.10∼1.00
-29∼295
×1
×0.0102
×10.2
×7.501
×102
×0.01
×10
×0.145
×0.000145
×0.001
×0.2953
P1≦P2 or P1≧P2
P1≦P2−2H
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS


Similar Part No. - PG-35L

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L-102R-NG2 COPAL-PG-35L-102R-NG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NR2 COPAL-PG-35L-102R-NR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NVC COPAL-PG-35L-102R-NVC Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PG2 COPAL-PG-35L-102R-PG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PR2 COPAL-PG-35L-102R-PR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
logo
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
logo
NXP Semiconductors
AZ50 PHILIPS-AZ50 Datasheet
67Kb / 3P
   HIGH VACUUM FULL WAVE RECTIFIER
6.6.1953
logo
List of Unclassifed Man...
345A ETC2-345A Datasheet
112Kb / 4P
   RECTIFIER FULL-WAVE, HIGH VACUUM
logo
NXP Semiconductors
GZ34 PHILIPS-GZ34 Datasheet
320Kb / 12P
   HIGH-VACUUM FULL-WAVE RECTIFIER
2.2.1958
UY1N PHILIPS-UY1N Datasheet
123Kb / 5P
   HIGH VACUUM HALF WAVE RECTIFIER
23.8.1948
logo
List of Unclassifed Man...
5Z4 ETC1-5Z4 Datasheet
108Kb / 2P
   FULL-WAVE HIGH-VACUUM RECTIFIER
4063-AB ETC2-4063-AB Datasheet
80Kb / 2P
   HIGH VACUUM CATHODE RAY TUBES
logo
NXP Semiconductors
DY82 PHILIPS-DY82 Datasheet
98Kb / 5P
   HIGH-VACUUM SINGLE-ANODE RECTIFYING TUBE
6.6.1958
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com