Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-35L Datasheet(PDF) 3 Page - Copal Electronics

Part # PG-35L
Description  HIGH VACUUM CORRESPONDENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L Datasheet(HTML) 3 Page - Copal Electronics

  PG-35L Datasheet HTML 1Page - Copal Electronics PG-35L Datasheet HTML 2Page - Copal Electronics PG-35L Datasheet HTML 3Page - Copal Electronics PG-35L Datasheet HTML 4Page - Copal Electronics PG-35L Datasheet HTML 5Page - Copal Electronics PG-35L Datasheet HTML 6Page - Copal Electronics PG-35L Datasheet HTML 7Page - Copal Electronics PG-35L Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Operating Procedures
Initial Settings Mode
2
Function Names
Set magnification
(eleven selections)
Set analog output
(three selections)
Set switch output
(eight combinations)
Initial
Settings
Mode
Setting1
Setting2
Hysteresis
(0∼300 digits)
Digital Filter
(F-0∼F-3)
Press the  and  
buttons
simultaneously
Press the  button
(more than one
second)
Press the  and  
buttons
simultaneously
Press the  button
(more than one
second)
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
Press the   and  buttons
simultaneously to enter the
Initial Settings Mode.
Note: Values   for the 102R,
   for the 103R are set prior
to delivery.
Press the  button to move
Press the  button for
more than one second
to return to the
Operations Mode.
Press the  button to move
to the next digit. The value
of the digit may be set when
the LED below the digit flashes.
The LED of an item flashes when
selected using the  button.
Use the  and  button to set
the value of each digit.
Third
digit
Multiplier factor Analog output
Switch output
1:R mode
2:G mode
3:V mode
1∼4:Separate Mode
5∼8:Window Comparator Mode
First
digit
Second
digit
Operations
Mode
Pressure
Settings
Mode
1:×1
2:×0.0102
3:×10.2
4:×7.501
5:×102
6:×0.01
7:×10
8:×0.145
9:×0.000145
A:×0.001
b:×0.2953
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
− LED(red)
Full 3 digit LED
SW1 LED(green)
SW2 LED(red)
Display unit
Up button
Down button
Mode button
When the power is swiched on, the Operations Mode is automatically selected. Settings remain in effect after switching off the power.
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
COPAL ELECTRONICS
kPa
+/−
SW1
SW2
+/−
SW1
SW2
COPAL ELECTRONICS


Similar Part No. - PG-35L

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L-102R-NG2 COPAL-PG-35L-102R-NG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NR2 COPAL-PG-35L-102R-NR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NVC COPAL-PG-35L-102R-NVC Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PG2 COPAL-PG-35L-102R-PG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PR2 COPAL-PG-35L-102R-PR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
logo
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
logo
NXP Semiconductors
AZ50 PHILIPS-AZ50 Datasheet
67Kb / 3P
   HIGH VACUUM FULL WAVE RECTIFIER
6.6.1953
logo
List of Unclassifed Man...
345A ETC2-345A Datasheet
112Kb / 4P
   RECTIFIER FULL-WAVE, HIGH VACUUM
logo
NXP Semiconductors
GZ34 PHILIPS-GZ34 Datasheet
320Kb / 12P
   HIGH-VACUUM FULL-WAVE RECTIFIER
2.2.1958
UY1N PHILIPS-UY1N Datasheet
123Kb / 5P
   HIGH VACUUM HALF WAVE RECTIFIER
23.8.1948
logo
List of Unclassifed Man...
5Z4 ETC1-5Z4 Datasheet
108Kb / 2P
   FULL-WAVE HIGH-VACUUM RECTIFIER
4063-AB ETC2-4063-AB Datasheet
80Kb / 2P
   HIGH VACUUM CATHODE RAY TUBES
logo
NXP Semiconductors
DY82 PHILIPS-DY82 Datasheet
98Kb / 5P
   HIGH-VACUUM SINGLE-ANODE RECTIFYING TUBE
6.6.1958
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com