Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-35L Datasheet(PDF) 2 Page - Copal Electronics

Part # PG-35L
Description  HIGH VACUUM CORRESPONDENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L Datasheet(HTML) 2 Page - Copal Electronics

  PG-35L Datasheet HTML 1Page - Copal Electronics PG-35L Datasheet HTML 2Page - Copal Electronics PG-35L Datasheet HTML 3Page - Copal Electronics PG-35L Datasheet HTML 4Page - Copal Electronics PG-35L Datasheet HTML 5Page - Copal Electronics PG-35L Datasheet HTML 6Page - Copal Electronics PG-35L Datasheet HTML 7Page - Copal Electronics PG-35L Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
Specifications
Input/Output Circuit Diagrams(Wire Colors Conform to IEC Standards)
NPNOpen Collector Output Model
PNPOpen Collector Output Model
Model
Type
Rated pressure range
Maximum pressure
Break-down pressure
Acceptable media
Operating voltage
Current consumption
Switch
outputs
Output mode
Output mode
Analog output
Hysteresis
Repeatability
Response
Short circuit protection
Gauge pressure
Liquids or gases that do not corrode SUS316L
Pressure range Pin(L)∼Pin(H)
1±0.2V
4±0.2V
Output voltage accuracy Vzero(upper)/Vspan(Lower)
(Vzero:Pin=0、Vspan:Pin=0∼Pin(H))
-100∼100kPa
0∼100kPa
0∼-100kPa
3±0.2V
2±0.2V
1±0.2V
4±0.2V
R
G
V
R
G
V
-100∼1000kPa
0∼1000kPa
1.36±0.2V
3.64±0.2V
10.8∼30VDC (including ripple)
50
mA maximum
0∼300 counts setting (adjustable)
±0.2%FS±1digit
Approx.5ms(Digital Fillter:“F-0”)
Exists
Output voltage 1∼5V /Pin(L)∼Pin(H) , Output impedance:10kΩ , Resolution:1/204
Only R/G mode is available on 103R.
-100∼100kPa
200kPa
300kPa
-100∼1000kPa
1500kPa
2000kPa
PG-35L
102R
103R
Two outputs NPN/PNP:Transistor open collector
Switch rating: 30VDC100mA maximum
Residual voltage: 1.2V maximum (NPN)/2.2V maximum(PNP) at 100mA.
Display
Operation display
Operating
conditions
Thermal error
Fitting part types
Materials at pressure receiving area
Net Weight
Accessories
Negative pressure display
Display accuracy
IP protection
Operating temperature
Operating humidity
Insulation resistance
Dielectric strength
Vibration resistance
Shock resistance
  EMC
Full 3 digit LED display (display cycle:4 times per second)
− LED is lit
±1%FS
SW1 LED (green) and SW2 LED (red) light up when switch outputs are ON
Meets IP65 (pressure gauge main body) of IEC
−10 ∼50℃ (storage −20∼70℃)
35∼85% RH
50MΩ minimum at DC125V between bundled leads and pressure port
One minute at DC125V between bundled leads and pressure port(1mA maximum leakage)
10∼500HZ 1.5mm maximum/98.1
m
S2 ,three directions, two hours each
490m/s, three directions, three times each
SUS316L
150±30g (incl. 2m cable)
O-ring(G1/4:P15)
R1/4, G1/4,
gasket fitting 9/16-18UNF
±3%FS(0∼50℃)
Enclose liquid
Usable pressure in vacuum
Nonexistence
Above 1.4×10-4Pa abs
EMI:EN5501 Group 1,Class B/1998
EMS:EN61326-1/1997:The permissible change of display counts,set value of switch output
           and zero/span voltage of analog output during the test not exceed ±5%FS.
±
(brown)
(gray)
(black)
Switch output 1
(white)Switch output 2
(blue)
Power supply
D.C 10.8∼30V
Sensor
Sensor
Display
LED
Sensor
Sensor
Sensor
Display
LED
Power supply
D.C 10.8∼30V
COM
COM
Shield
Analog
output
(brown)
(black)Switch output 1
(white)
Switch output 2
(gray)
(blue)
Analog
output
load
load
load
load
Shield
FG terminal
FG terminal


Similar Part No. - PG-35L

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L-102R-NG2 COPAL-PG-35L-102R-NG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NR2 COPAL-PG-35L-102R-NR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NVC COPAL-PG-35L-102R-NVC Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PG2 COPAL-PG-35L-102R-PG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PR2 COPAL-PG-35L-102R-PR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
logo
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
logo
NXP Semiconductors
AZ50 PHILIPS-AZ50 Datasheet
67Kb / 3P
   HIGH VACUUM FULL WAVE RECTIFIER
6.6.1953
logo
List of Unclassifed Man...
345A ETC2-345A Datasheet
112Kb / 4P
   RECTIFIER FULL-WAVE, HIGH VACUUM
logo
NXP Semiconductors
GZ34 PHILIPS-GZ34 Datasheet
320Kb / 12P
   HIGH-VACUUM FULL-WAVE RECTIFIER
2.2.1958
UY1N PHILIPS-UY1N Datasheet
123Kb / 5P
   HIGH VACUUM HALF WAVE RECTIFIER
23.8.1948
logo
List of Unclassifed Man...
5Z4 ETC1-5Z4 Datasheet
108Kb / 2P
   FULL-WAVE HIGH-VACUUM RECTIFIER
4063-AB ETC2-4063-AB Datasheet
80Kb / 2P
   HIGH VACUUM CATHODE RAY TUBES
logo
NXP Semiconductors
DY82 PHILIPS-DY82 Datasheet
98Kb / 5P
   HIGH-VACUUM SINGLE-ANODE RECTIFYING TUBE
6.6.1958
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com