Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-35L Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-35L
Description  HIGH VACUUM CORRESPONDENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35L Datasheet(HTML) 1 Page - Copal Electronics

  PG-35L Datasheet HTML 1Page - Copal Electronics PG-35L Datasheet HTML 2Page - Copal Electronics PG-35L Datasheet HTML 3Page - Copal Electronics PG-35L Datasheet HTML 4Page - Copal Electronics PG-35L Datasheet HTML 5Page - Copal Electronics PG-35L Datasheet HTML 6Page - Copal Electronics PG-35L Datasheet HTML 7Page - Copal Electronics PG-35L Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
①The type of pressure media for PG-35L should be used liquid and gas that don't corrode for SUS316L.
②For stability, use a regulated direct current power supply.
Surge absorbing devices (diodes,varistors, etc.) are necessary if inductive loads such as relays or solenoids are connected to the same
circuit as the PG-35L.
If using a DC power supply unit such as a switching power supply, the FG terminal should be earthed. Do not wire in parallel to high
tension cables or power lines, or use cable ducts which contain high tension cables or power lines.
③Be careful not to crimp any wires during handling, or put any pressure on the display area of the main body while assembling piping.
④Use pH neutral detergents to clean the body. Do not use solvents such as thinners.
⑤This product is dust proof and drip proof (IP65 of IEC standards) and is not suitable for use in environments requiring higher standards.
 Also, do not use this product in an environment with a possibility of product being covered by liquids other then water (Such as oil,
solvent, and etc.) and outdoor.
⑥Do not use pointed objects such as pens to press the setting buttons on the  display panel, as this may push holes in the setting
buttons and damage them.
⑦Do not insert wires, etc. in the pressure port, as this may damage the
internal diaphragm and cause malfunctioning.
⑧gasket type:
Do not touch or scratch the edge of the fitting, as this may damage the
sealing and cause leakage.
⑨The PG-35L do not have an explosion proof structure. Do not use it for the
detection of flammable gases.
⑩When analog output is supplied to a noise-sensitive device,a low-pass filter
is requested in a customer's circuit.
⑪Countermeasures for noise interference:
 Please connect either the shield wire or the metal part of the product to
frame ground (FG) of the power source.
⑫In case a wire extension is needed, please use a shielded wire.
Thank you for purchasing a
NIDEC COPAL ELECTRONICS CORP. product.
In order to use the product correctly and most appropriately,
please completely read this manual before use and keep it
for future reference.
INSTRUCTION MANUAL Ver.1.1
Important Information and Warnings
Nishi-Shinjuku Kimuraya Bidg. , 7-5-25
Nishi-Shinjuku Shinjuku-ku Tokyo 160-0023 , Japan Phone.:(03) 3364-7055
For more detailed information please ask for the nearest distributor or the following sales center.
PG-35L
  CE marking
(Compliance with EMC Standard)
HIGH VACUUM CORRESPONDENCE
SMALL SIZE PRESSURE GAUGE
Power supply unit
Surge absorbing circuit
+V
FG←The shield wire
PG35L
FG
DC output
AC input


Similar Part No. - PG-35L

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35L-102R-NG2 COPAL-PG-35L-102R-NG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NR2 COPAL-PG-35L-102R-NR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-NVC COPAL-PG-35L-102R-NVC Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PG2 COPAL-PG-35L-102R-PG2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
PG-35L-102R-PR2 COPAL-PG-35L-102R-PR2 Datasheet
126Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
logo
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
logo
NXP Semiconductors
AZ50 PHILIPS-AZ50 Datasheet
67Kb / 3P
   HIGH VACUUM FULL WAVE RECTIFIER
6.6.1953
logo
List of Unclassifed Man...
345A ETC2-345A Datasheet
112Kb / 4P
   RECTIFIER FULL-WAVE, HIGH VACUUM
logo
NXP Semiconductors
GZ34 PHILIPS-GZ34 Datasheet
320Kb / 12P
   HIGH-VACUUM FULL-WAVE RECTIFIER
2.2.1958
UY1N PHILIPS-UY1N Datasheet
123Kb / 5P
   HIGH VACUUM HALF WAVE RECTIFIER
23.8.1948
logo
List of Unclassifed Man...
5Z4 ETC1-5Z4 Datasheet
108Kb / 2P
   FULL-WAVE HIGH-VACUUM RECTIFIER
4063-AB ETC2-4063-AB Datasheet
80Kb / 2P
   HIGH VACUUM CATHODE RAY TUBES
logo
NXP Semiconductors
DY82 PHILIPS-DY82 Datasheet
98Kb / 5P
   HIGH-VACUUM SINGLE-ANODE RECTIFYING TUBE
6.6.1958
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com