Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33250A Datasheet(PDF) 3 Page - Keysight Technologies

Part # 33250A
Description  Function/Arbitrary Waveform Generator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

33250A Datasheet(HTML) 3 Page - Keysight Technologies

  33250A Datasheet HTML 1Page - Keysight Technologies 33250A Datasheet HTML 2Page - Keysight Technologies 33250A Datasheet HTML 3Page - Keysight Technologies 33250A Datasheet HTML 4Page - Keysight Technologies 33250A Datasheet HTML 5Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
03 | Keysight | 33250A Function/Arbitrary Waveform Generator - Data Sheet
Measurement Characteristics
Waveforms
Standard
Sine, square, pulse, ramp, noise, sin(x)/x,
exponential rise, exponential fall, cardiac, DC volts
Arbitrary
Waveform length
1 to 64K points
Amplitude resolution 12 bits (including sign)
Repetition rate
1 µHz to 25 MHz
Sample rate
200 MSa/s
Filter bandwidth
50 MHz
Non-vol. memory
Four (4) 64K waveforms
Frequency characteristics
Sine
1 µHz to 80 MHz
Square
1 µHz to 80 MHz
Pulse
500 µHz to 50 MHz
Arb
1 µHz to 25 MHz
Ramp
1 µHz to 1 MHz
White noise
50 MHz bandwidth
Resolution
1 µHz; except pulse, 5 digits
Accuracy (1 year)
2 ppm, 18 to 28 °C
3 ppm, 0 to 55 °C
Sinewave spectral purity
Harmonic distortion
DC to 1 MHz
1 to 5 MHz
5 to 80 MHz
≤ 3 Vpp1
> 3 Vpp
–60 dBc
–55 dBc
–57 dBc
–45 dBc
–37 dBc2
–30 dBc2
Total harmonic distortion
DC to 20 kHz
< 0.2% + 0.1 mVrms
Spurious (non-harmonic)3
DC to 1 MHz
–60 dBc
1 to 20 MHz
–50 dBc
20 to 80 MHz
–50 dBc + 6 dBc/octave
Phase noise (30 kHz band)
10 MHz
< –65 dBc (typical)
80 MHz
< –47 dBc (typical)
Signal characteristics
Squarewave
Rise/fall time
< 8 ns4
Overshoot
< 5%
Asymmetry
1% of period + 1 ns
Jitter (rms)
< 2 MHz
≥ 2 MHz
0.01% + 525 ps
0.1% + 75 ps
Duty cycle
≤ 25 MHz
25 to 50 MHz
50 to 80 MHz
20.0 to 80.0%
40.0 to 60.0%
50.0% (fixed)
Pulse
Period
20.00 ns to 2000.0 s
Pulse width
8.0 ns to 1999.9 s
Variable edge time
5.00 ns to 1.00 ms
Overshoot
< 5%
Jitter (rms)
100 ppm + 50 ps
Signal characteristics (Continued)
Ramp
Linearity
< 0.1% of peak output
Symmetry
0.0 to 100.0%
Arb
Minimum edge time
< 10 ns
Linearity
< 0.1% of peak output
Settling time
< 50 ns to 0.5% of final value
Jitter (rms)
30 ppm + 2.5 ns
Output characteristics
Amplitude (into 50 Ω) 10 mVpp to 10 Vpp5
Accuracy (at 1 kHz, >10 mVpp, Autorange on)
± 1% of setting ± 1 mVpp
Flatness (sinewave relative to 1 kHz, Autorange on)
< 10 MHz
10 to 50 MHz
50 to 80 MHz
± 1% (0.1 dB)6
± 2% (0.2 dB)
± 5% (0.4 dB)
Units
Vpp, Vrms, dBm, high and low level
Resolution
0.1 mV or 4 digits
Offset (into 50 Ω)
± 5 Vpk ac + dc
Accuracy
1% of setting + 2 mV + 0.5% of amplitude
Waveform output
Impedance
50 Ω typical (fixed)
> 10 MΩ (output disabled)
Isolation
42 Vpk maximum to earth
Protection
Short-circuit protected7; overload relay
automatically disables main output
Modulation characteristics
AM
Carrier waveforms
Sine, square, ramp, and arb
Mod. waveforms
Sine, square, ramp, noise, and arb
Mod. frequency
2 mHz to 20 kHz
Depth
0.0 to 120.0%
Source
Internal/external
FM
Carrier waveforms
Sine, square, ramp, and arb
Mod. waveforms
Sine, square, ramp, noise, and arb
Mod. frequency
2 mHz to 20 kHz
Peak deviation
DC to 80 MHz
Source
Internal/external
FSK
Carrier waveforms
Sine, square, ramp, and arb
Mod. waveform
50% duty cycle square
Internal rate
2 mHz to 100 kHz
Frequency range
1 µHz to 80 MHz
Source
Internal/external
External modulation input
Voltage range
± 5 V full scale
Input impedance
10 Ω
Frequency
DC to 20 kHz
Latency
< 70 µs typical


Similar Part No. - 33250A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
More results

Similar Description - 33250A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33210A KEYSIGHT-33210A Datasheet
460Kb / 5P
   10 MHz Function/Arbitrary Waveform Generator
33220A KEYSIGHT-33220A Datasheet
351Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com