Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1213 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOA1213
Description  Ambient Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1213 Datasheet(HTML) 1 Page - ON Semiconductor

  NOA1213 Datasheet HTML 1Page - ON Semiconductor NOA1213 Datasheet HTML 2Page - ON Semiconductor NOA1213 Datasheet HTML 3Page - ON Semiconductor NOA1213 Datasheet HTML 4Page - ON Semiconductor NOA1213 Datasheet HTML 5Page - ON Semiconductor NOA1213 Datasheet HTML 6Page - ON Semiconductor NOA1213 Datasheet HTML 7Page - ON Semiconductor NOA1213 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. P1
1
Publication Order Number:
NOA1213/D
NOA1213
Product Preview
Ambient Light Sensor with
Dark Current Compensation
Description
The NOA1213 is a very low power ambient light sensor (ALS) with
an analog current output and a power down mode to conserve power.
Designed primarily for handheld device applications, the active power
dissipation of this chip is less than 8
mA at dark and its quiescent
current consumption is less than 200 pA in power down mode. The
device can operate over a very wide range of voltages from 2 V to
5.5 V. The NOA1213 employs proprietary CMOS image sensing
technology from ON Semiconductor, including built−in dynamic dark
current compensation to provide large signal to noise ratio (SNR) and
wide dynamic range (DR) over the entire operating temperature range.
The photopic optical filter provides a light response similar to that of
the human eye. Together the photopic light response and dark current
compensation insures accurate light level detection.
Features
Senses Ambient Light and Provides an Output Current Proportional
to the Ambient Light Intensity
Photopic Spectral Response
Dynamic Dark Current Compensation
Three Selectable Output Current Gain Modes in Approximately 10x
Steps
Power Down Mode
Less than 14 mA at 100 lux Active Power Consumption in Medium
Gain Mode (Less than 8
mA at Dark)
Less than 200 pA Quiescent Power Dissipation in Power Down
Mode at All Light Levels
Linear Response Over the Full Operating Range
Senses Intensity of Ambient Light from ~0 lux to Over 100,000 lux
Wide Operating Voltage Range (2 V to 5.5 V)
Wide Operating Temperature Range (−40°C to 85°C)
Drop−in Replacement Device in 1.6 x 1.6 mm Package
These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
Applications
Saves display power in applications such as:
Cell Phones, PDAs, MP3 players, GPS
Cameras, Video Recorders
Mobile Devices with Displays or Backlit Keypads
Laptops, Notebooks, Digital Signage
LCD TVs and Monitors, Digital Picture Frames
Automobile Dashboard Displays and Infotainment
LED Indoor/Outdoor Residential and Street Lights
Figure 1. Typical Application Circuit
hn
Photo
Diode
Amp
GB2
GB1
IOUT
RL
VDD
VSS
CL
ADC
C1
1
μ
Vin = 2 to 5.5V
IC1
NOA1212
IC2
h
Photo
Diode
Amp
GB2
GB1
IOUT
GS2
RL
VDD
VSS
CL
ADC
C1
1
μ
Vin = 2 to 5.5V
IC1
NOA1212
IC2
GS1
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
Device
Package
Shipping
ORDERING INFORMATION
NOA1213CUTAG*
CUDFN6
(Pb−Free)
2500 /
Tape & Reel
CUDFN6
CU SUFFIX
CASE 505AL
www.onsemi.com
PIN ASSIGNMENT
(Top View)
1
2
3
6
5
4
VDD
VSS
GB1
IOUT
NC
GB2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*Temperature Range: −40
°C to 85°C.
1


Similar Part No. - NOA1213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1213 ONSEMI-NOA1213 Datasheet
101Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 0
NOA1213CUTAG ONSEMI-NOA1213CUTAG Datasheet
101Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 0
NOA1213 ONSEMI-NOA1213_17 Datasheet
101Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 0
More results

Similar Description - NOA1213

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com