Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1213 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NOA1213
Description  Ambient Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1213 Datasheet(HTML) 7 Page - ON Semiconductor

  NOA1213 Datasheet HTML 1Page - ON Semiconductor NOA1213 Datasheet HTML 2Page - ON Semiconductor NOA1213 Datasheet HTML 3Page - ON Semiconductor NOA1213 Datasheet HTML 4Page - ON Semiconductor NOA1213 Datasheet HTML 5Page - ON Semiconductor NOA1213 Datasheet HTML 6Page - ON Semiconductor NOA1213 Datasheet HTML 7Page - ON Semiconductor NOA1213 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NOA1213
www.onsemi.com
7
DESCRIPTION OF OPERATION
Ambient Light Sensor Architecture
The NOA1213 employs a sensitive photo diode fabricated
in ON Semiconductor’s
standard
CMOS
process
technology. The major components of this sensor are as
shown in Figure 2 . The photons which are to be detected
pass through an ON Semiconductor proprietary color filter
limiting extraneous photons and thus performing as a band
pass filter on the incident wave front. The filter only
transmits photons in the visible spectrum which are
primarily detected by the human eye and exhibits excellent
IR rejection. The photo response of this sensor is as shown
in Figure 3.
The ambient light signal detected by the photo diode is
converted to an analog output current by an amplifier with
programmable gain. Table 4 shows the gain setting and the
corresponding light sensitivity.
Table 4. PROGRAMMABLE GAIN SETTINGS
GB2
GB1
Mode
Approximate Output
Current @ 100 lux
Approximate Output
Current @ 1000 lux
Saturation
0
0
Power Down
0
1
High Gain
34.1
mA
365
mA
~10,000 lux
1
0
Medium Gain
3.56
mA
37.3
mA
~100,000 lux
1
1
Low Gain
0.387
mA
4.19
mA
> 100,000 lux
Power Down Mode
This device can be placed in a power down mode by
setting GB1 and GB2 to logic low level.
In order for proper operation of this mode GB1 and GB2
should stay low 1.5 ms.
External Component Selection
The NOA1213 outputs a current in direct response to the
incident illumination. In many applications it is desirable to
convert the output current into voltage. It may also be
desirable to filter the effects of 50/60 Hz flicker or other light
source transients.
Conversion from current to voltage may be accomplished
by adding load resistor RL to the output. The value of RL is
bounded on the high side by the potential output saturation
of the amplifier at high ambient light levels. RL is bounded
on the low side by the output current limiting of the internal
amplifier and to minimize power consumption.
Equation 1 describes the relationship of light input to
current output for the High−Gain mode.
I
OUT + 34.5 mA 100 lux *EV
(eq. 1)
By adding RL to the output, IOUT is converted into a
voltage according to Equation 2.
V
OUT + IOUT *RL + 34.5 mA 100 lux *EV *RL
(eq. 2)
The range of the output voltage is limited by the output
stage to the VOMAX parameter value of VDD – 0.4 V at the
maximum desired EV as shown in Equation 3. Equation 4
computes the value for RL (High−Gain mode).
V
OMAX + 34.5 mA 100 lux *EVMAX *RL
(eq. 3)
R
L + VDD * 0.4 V
E
VMAX * 100 lux 34.5 mA
(eq. 4)
For example, consider a 5 V supply with a desired EVMAX
= 1000 lux, the value of RL would be 13.3 k
W. The value for
RL can easily be computed for different NOA1213 gain
ranges by substituting the appropriate output current at
100 lux from Table 4.
The optional capacitor CL can be used to form a low−pass
filter to remove 50/60 Hz filter or other unwanted noise
sources as computed with Equation 5.
C
L + 1 2p fc RL
(eq. 5)
For our example, to filter out 60Hz flicker the value of CL
would be 200 nF.
Power Supply Bypassing and Printed Circuit Board
Design
Power supply bypass and decoupling can typically be
handled with a low cost 0.1
mF to 1.0 mF capacitor.
The exposed pad on the bottom of the package is internally
connected to VSS pin 2 and should be soldered to the printed
circuit board.
NOTE:
Oblique illumination with IR light can disrupt normal operation. Please request App Note “Known
NOA1213CUTAG Performance Aberrations” for more details.


Similar Part No. - NOA1213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1213 ONSEMI-NOA1213 Datasheet
101Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 0
NOA1213CUTAG ONSEMI-NOA1213CUTAG Datasheet
101Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 0
NOA1213 ONSEMI-NOA1213_17 Datasheet
101Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 0
More results

Similar Description - NOA1213

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com