Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1212 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NOA1212
Description  Ambient Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1212 Datasheet(HTML) 4 Page - ON Semiconductor

  NOA1212_15 Datasheet HTML 1Page - ON Semiconductor NOA1212_15 Datasheet HTML 2Page - ON Semiconductor NOA1212_15 Datasheet HTML 3Page - ON Semiconductor NOA1212_15 Datasheet HTML 4Page - ON Semiconductor NOA1212_15 Datasheet HTML 5Page - ON Semiconductor NOA1212_15 Datasheet HTML 6Page - ON Semiconductor NOA1212_15 Datasheet HTML 7Page - ON Semiconductor NOA1212_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NOA1212
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Spectral Response (Normalized)
Figure 4. Light Source Dependency
(Normalized to Fluorescent Light)
Figure 5. Output Current vs. Ev
Figure 6. Output Current vs. Ev
(High Gain Mode)
Figure 7. Output Current vs. Ev, 0−1000 lux
(High Gain Mode)
Figure 8. Output Current vs. Ev, 0−100 lux
(High Gain Mode)
0
0.5
1
1.5
2
Incandescent
(2850K)
Fluorescent
(2700K)
White LED
(5600K)
Fluorescent
(5000K)
Ratio
WAVELENGTH (nm)
0.5
200
300
400
500
600
700
800
900
1000
ALS
Human Eye
0.4
0.3
0.2
0.1
0
0.8
0.6
0.7
1.0
0.9
Ev (lux)
1
0.01
0.1
1
10
100
1000 10000 100000 1000000
High Gain
Medium Gain
Low Gain
0.1
0.01
0.001
0.0001
0.00001
1000
10
100
10000
VDD = 3.3 V
Ev (lux)
1
1
10
100
1000
10000
100000
No Load
1 k
W Load
10 k
W Load
100 k
W Load
1000
10
100
10000
VDD = 3.3 V
Ev (lux)
500
0
200
400
600
800
1000
White LED (5600K)
400
300
200
100
0
600
Ev (lux)
50
020
40
60
80
100
White LED (5600K)
40
30
20
10
0
60


Similar Part No. - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results

Similar Description - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com