Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1212 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NOA1212
Description  Ambient Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1212 Datasheet(HTML) 3 Page - ON Semiconductor

  NOA1212_15 Datasheet HTML 1Page - ON Semiconductor NOA1212_15 Datasheet HTML 2Page - ON Semiconductor NOA1212_15 Datasheet HTML 3Page - ON Semiconductor NOA1212_15 Datasheet HTML 4Page - ON Semiconductor NOA1212_15 Datasheet HTML 5Page - ON Semiconductor NOA1212_15 Datasheet HTML 6Page - ON Semiconductor NOA1212_15 Datasheet HTML 7Page - ON Semiconductor NOA1212_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOA1212
www.onsemi.com
3
Table 3. ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over VDD = 5.5 V, −40
°C < TA < 85°C)
Rating
Test Conditions
Symbol
Min
Typ
Max
Unit
Power supply voltage
VDD
2
3.0
5.5
V
Power supply current
VDD = 3.0 V, Ev = 0 lux, H−Gain
IDD_0
6
8
12
mA
Power supply current
VDD = 3.0 V, Ev = 100 lux, H−Gain
IDD_100
32
64
96
mA
Power down current
All light levels
IDD_PD
0.2
5
nA
Output current, high−gain
Ev = 100 lux, White LED
Io_high
41
51
61.5
mA
Dark output current, high−gain
VDD = 3.0 V, Ev = 0 lux
Io_dark
10
nA
Wavelength of maximum
response
lm
540
nm
White LED/fluorescent current
ratio
Ev = 100 lux
rLE
1.0
Incandescent/fluorescent
current ratio
Ev = 100 lux
rIF
1.45
Maximum output voltage
Ev = 100 lux, RL = 220 kW, H−Gain
VOMAX
VDD–0.4
VDD–0.1
VDD
V
Power down time
Ev = 100 lux, H−Gain to PD
tPD
1.5
ms
Wake up time
Ev = 100 lux, PD to H−Gain
twu
300
ms
Low level input voltage
VIL
−0.2
0.25 VDD
V
High level input voltage
VIH
0.75 VDD
VDD+0.2
V
Operating free−air temperature
range
TA
−40
85
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results

Similar Description - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com