Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1212 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NOA1212
Description  Ambient Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1212 Datasheet(HTML) 2 Page - ON Semiconductor

  NOA1212_15 Datasheet HTML 1Page - ON Semiconductor NOA1212_15 Datasheet HTML 2Page - ON Semiconductor NOA1212_15 Datasheet HTML 3Page - ON Semiconductor NOA1212_15 Datasheet HTML 4Page - ON Semiconductor NOA1212_15 Datasheet HTML 5Page - ON Semiconductor NOA1212_15 Datasheet HTML 6Page - ON Semiconductor NOA1212_15 Datasheet HTML 7Page - ON Semiconductor NOA1212_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NOA1212
www.onsemi.com
2
hn
Photo
Diode
Reference
Diode
Amp
GB2
GB1
IOUT
RL
V
OUT
h
Photo
Diode
Reference
Diode
Amp
GB2
GB1
IOUT
GS2
RL
V
OUT
Figure 2. Simplified Block Diagram
GS1
Table 1. PIN FUNCTION DESCRIPTION
Pin
Pin Name
Description
1
VDD
Power pin.
2
VSS
Ground pin.
3
GB1
In conjunction with GB2, selects between three gain modes and power down.
4
GB2
In conjunction with GB1, selects between three gain modes and power down.
5
NC
Not connected. This may be connected to ground or left floating.
6
IOUT
Analog current output.
EP
VSS
Exposed pad, internally connected to ground. Should be connected to ground.
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input power supply
VDD
6
V
Input voltage range
VIN
−0.3 to VDD + 0.3
V
Output voltage range
VOUT
−0.3 to VDD + 0.2
V
Output current range
Io
0 to 15
mA
Maximum Junction Temperature
TJ(max)
−40 to 85
°C
Storage Temperature
TSTG
−40 to 85
°C
ESD Capability, Human Body Model (Note 1)
ESDHBM
2
kV
ESD Capability, Charged Device Model (Note 1)
ESDCDM
750
V
ESD Capability, Machine Model (Note 1)
ESDMM
150
V
Moisture Sensitivity Level
MSL
3
Lead Temperature Soldering (Note 2)
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Charged Device Model tested per ESD−STM5.3.1−1999
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Maximum Rating:
v 100 mA per JEDEC standard: JESD78
2. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D


Similar Part No. - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results

Similar Description - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com