Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1212 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOA1212
Description  Ambient Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1212 Datasheet(HTML) 5 Page - ON Semiconductor

  NOA1212_15 Datasheet HTML 1Page - ON Semiconductor NOA1212_15 Datasheet HTML 2Page - ON Semiconductor NOA1212_15 Datasheet HTML 3Page - ON Semiconductor NOA1212_15 Datasheet HTML 4Page - ON Semiconductor NOA1212_15 Datasheet HTML 5Page - ON Semiconductor NOA1212_15 Datasheet HTML 6Page - ON Semiconductor NOA1212_15 Datasheet HTML 7Page - ON Semiconductor NOA1212_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NOA1212
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. Output Current vs. Angle
(End View, Normalized)
Figure 10. Output Current vs. Angle
(Side View, Normalized)
Figure 11. Output Current at 0 lux vs.
Temperature (High Gain Mode)
Figure 12. Output Current at 100 lux vs.
Temperature
Figure 13. Supply Current at 0 lux vs.
Temperature (High Gain Mode)
Figure 14. Supply Current at 100 lux vs.
Temperature (High Gain Mode)
TEMPERATURE (
°C)
2.5
−60
−40
−20
0
20
40
60
80
100
VDD = 3.3 V
2.0
1.5
1.0
0.5
0.0
3.0
TEMPERATURE (
°C)
1.0
−60
−40
−20
0
20
40
60
80
100
VDD = 3.3 V
0.8
0.6
0.4
0.2
0.0
1.6
1.2
1.4
High Gain Mode
Medium Gain Mode
Low Gain Mode
TEMPERATURE (
°C)
5
−60
−40
−20
0
20
40
60
80
100
VDD = 3.3 V
4
3
2
1
0
8
6
7
10
9
TEMPERATURE (
°C)
50
−60
−40
−20
0
20
40
60
80
100
VDD = 3.3 V
40
30
20
10
0
80
60
70
100
90
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
−170
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
Q
END VIEW
1
2
3
6
5
4
TOP VIEW
−90
o
90
o
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
−170
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
Q
SIDE VIEW
TOP VIEW
−90
o
90
o


Similar Part No. - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results

Similar Description - NOA1212_15

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com