Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1084S5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L1084S5
Description  5A Adjustable Low Dropout Linear Regulator (LDO)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1084S5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L1084S5 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1084S5 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1084S5 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1084S5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
5A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
L1084S5
TO-263
Rev. 1.0 MAR
PIN CONFIGURATIONS
Pin #
Function
1
NC
2
Adjust
3
Output
4
NC
5
Input
Note: TAB is Output Pin


Similar Part No. - L1084S5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1084S ETC-L1084S Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084S-3.3 ETC2-L1084S-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
L1084S3 ETC-L1084S3 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084S3-3.3 ETC2-L1084S3-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
L1084S3G ETC2-L1084S3G Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - L1084S5

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1084-3.3 ETC2-L1084-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com