Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

567ULR2R5MDF Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 567ULR2R5MDF
Description  High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

567ULR2R5MDF Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  567ULR2R5MDF Datasheet HTML 1Page - Illinois Capacitor, Inc. 567ULR2R5MDF Datasheet HTML 2Page - Illinois Capacitor, Inc. 567ULR2R5MDF Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High temperature Very Low ESR – High ripple current – stable
with temperature – High frequency
APPLICATIONS
DC-DC converters Voltage regulators Decoupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
2.5
4
10
16
20
25
SVDC
1.15 x rated WVDC
Dissipation Factor
120 Hz, 20°C
10% MAX
Leakage Current
2 Minutes
0.2CV or 280uA, whichever is greater
Low Temperature Stability
Impedance Ratio
(100 kHz)
-55°C/ +20°C
<1.25
+105°C/ +20°C
<1.25
Load Life
2000 hours at 105°C with rated WVDC applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Damp Heat test
1000 hours at 60°C with rated voltage applied at 90-95% R.H.
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Surge Voltage test
1000 cycles at 105°C with rated surge voltage applied for 30 seconds through a 1kΩ resistor
and discharged for 5 minutes and 30 seconds
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
120Hz<f<1kHz
1kHz<f<10kHz
10kHz<f<100kHz
100kHz<f<500kHz
0.05
0.3
0.7
1.0
D+0.5
5
6.3
8
10
S+0.5
2
2.5
3.5
5.0
d
0.5 L<7mm)
0.6( L>7mm)
0.45 L<6mm)
0.6( L>6mm)
0.6
0.6
L1=L+1.0 mm MAX L<11mm
L1=L+1.5 mm MAX, L>11 mm


Similar Part No. - 567ULR2R5MDF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
567ULR2R5MDF ILLINOISCAPACITOR-567ULR2R5MDF Datasheet
264Kb / 3P
   2000 hour Low ESR
567ULR2R5MDF ILLINOISCAPACITOR-567ULR2R5MDF Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 567ULR2R5MDF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
277UER016MFH ILLINOISCAPACITOR-277UER016MFH Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UER ILLINOISCAPACITOR-UER Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
686AVG035MFF ILLINOISCAPACITOR-686AVG035MFF Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
GXX ILLINOISCAPACITOR-GXX Datasheet
230Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com