Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC1005 Datasheet(PDF) 10 Page - Exar Corporation

Part # CLC1005
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1005 Datasheet(HTML) 10 Page - Exar Corporation

Back Button CLC1005 Datasheet HTML 6Page - Exar Corporation CLC1005 Datasheet HTML 7Page - Exar Corporation CLC1005 Datasheet HTML 8Page - Exar Corporation CLC1005 Datasheet HTML 9Page - Exar Corporation CLC1005 Datasheet HTML 10Page - Exar Corporation CLC1005 Datasheet HTML 11Page - Exar Corporation CLC1005 Datasheet HTML 12Page - Exar Corporation CLC1005 Datasheet HTML 13Page - Exar Corporation CLC1005 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© 2007-2015 Exar Corporation
10 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Typical Performance Characteristics
TA = 25°C, VS = +5V, RL = 2kΩ to VS/2, G = +2, RF = 2kΩ; unless otherwise noted.
Small Signal Pulse Response VS = +5V
Small Signal Pulse Response VS = +2.7V
Open Loop Gain & Phase vs. Frequency
Output Current
PSRR
CMRR
Frequency (MHz)
1k
0.01
0.1
1
100
-70
-60
-50
-40
-30
-20
-10
0
10
Frequency (MHz)
0.01
0.1
1.0
10
100
-90
-80
-70
-60
-50
-40
Frequency (MHz)
-20
-10
0
10
20
-180
-135
-90
-45
0
30
40
50
60
70
80
0.01
0.1
1
10
100
|Gain|
Phase
Output Current (mA)
-100
-50
0
50
100
Linear output current ±55mA
-0.8
-0.6
-0.2
0
0.2
0.4
0.6
0.8
-0.4
Short circuit current ±85mA
Time (20ns/div)
Rf = 1kΩ
Time (20ns/div)
Rf = 1kΩ


Similar Part No. - CLC1005

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001ASO8 CADEKA-CLC1001ASO8 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001ASO8X CADEKA-CLC1001ASO8X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001AST6X CADEKA-CLC1001AST6X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
More results

Similar Description - CLC1005

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com