Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC214L Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC214L
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC214L Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC214L Datasheet HTML 1Page - Fairchild Semiconductor BC214L Datasheet HTML 2Page - Fairchild Semiconductor BC214L Datasheet HTML 3Page - Fairchild Semiconductor BC214L Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, October 2003
Thermal Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W


Similar Part No. - BC214L

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC214L MICRO-ELECTRONICS-BC214L Datasheet
88Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & SWITCHES
logo
Continental Device Indi...
BC214L CDIL-BC214L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
List of Unclassifed Man...
BC214L ETC-BC214L Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
logo
Fairchild Semiconductor
BC214LB FAIRCHILD-BC214LB Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Continental Device Indi...
BC214LB CDIL-BC214LB Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC214L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com