Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR530BRT-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR530BRT-REEL7
Description  High Precision Shunt Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR530BRT-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR530BRT-REEL7 Datasheet HTML 6Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 7Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 8Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 9Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 10Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 11Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 12Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 13Page - Analog Devices ADR530BRT-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 10 of 16
VOUT = 50mV/DIV
10
µs/DIV
V GEN = 2V/DIV
IIN = 10mA
TIME (
µs)
Figure 14. ADR550 Load Transient Response
2.5030
2.5025
2.5020
2.5015
2.5010
2.5005
2.5000
2.4995
2.4990
2.4985
2.4980
–40
–15
10
35
60
85
TEMPERATURE (
°C)
Figure 15. ADR525 VOUT over Temperature
3.0055
3.0050
3.0045
3.0040
3.0035
3.0030
3.0025
3.0020
3.0015
3.0010
3.0005
3.0000
TEMPERATURE (
°C)
–40
–15
10
35
60
85
Figure 16. ADR530 VOUT over Temperature
5.008
5.006
5.004
5.002
5.000
4.998
4.996
4.994
4.992
4.990
4.988
TEMPERATURE (
°C)
–40
–15
10
35
60
85
Figure 17. ADR550 VOUT over Temperature


Similar Part No. - ADR530BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR530BRT-REEL7 AD-ADR530BRT-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results

Similar Description - ADR530BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
   High Precision Shunt Mode Voltage References
Rev. F
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com