Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5384 Datasheet(PDF) 18 Page - Asahi Kasei Microsystems

Part # AK5384
Description  107 DB 24 BIT 96KHZ 4 CHANNEL ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5384 Datasheet(HTML) 18 Page - Asahi Kasei Microsystems

Back Button AK5384 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 15Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 16Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 17Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 18Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 19Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 20Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 21Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ASAHI KASEI
[AK5384]
MS0225-E-00
2003/05
- 18 -
1. Grounding and Power Supply Decoupling
The AK5384 requires careful attention to power supply and grounding arrangements. AVDD and DVDD are usually
supplied from the analog supply in the system. Alternatively if AVDD and DVDD are supplied separately, the power up
sequence is not critical. AVSS and DVSS of the AK5384 must be connected to analog ground plane. System analog
ground and digital ground should be connected together near to where the supplies are brought onto the printed circuit
board. Decoupling capacitors should be as near to the AK5384 as possible, with the small value ceramic capacitor being
the closest.
2. Voltage Reference Inputs
The differential voltage between AVDD and AVSS sets the analog input range. VCOM is a signal ground of this chip. An
electrolytic capacitor 2.2
µF parallel with a 0.1µF ceramic capacitor attached to VCOM pin eliminates the effects of high
frequency noise. No load current may be drawn from the VCOM pin. All signals, especially clocks, should be kept away
from the VCOM pin in order to avoid unwanted coupling into the AK5384.
3. Analog Inputs
The AK5384 accepts +5V supply voltage. Any voltage which exceeds the upper limit of AVDD+0.3V and lower limit of
AVSS
−0.3V and any current beyond 10mA for the analog input pins (LIN+/−, RIN+/−) should be avoided. Excessive
currents to the input pins may damage the device. Hence input pins must be protected from signals at or beyond these
limits. Use caution specially in case of using
±15V in other analog circuits.
The analog inputs are differential and internally biased to the common voltage (AVDD/2) with 26k
Ω(typ). The input signal
range between LIN(RIN)+ and LIN(RIN)
− scales with the supply voltage and nominally ±0.58 x AVDD. The AK5384 can
accept input voltages from AVSS to AVDD. The ADC output data format 2’s compliment. The internal HPF removes the
DC offset.
The AK5384 samples the analog inputs at 64fs. The digital filter rejects noise above the stop band except for multiples of
64fs.


Similar Part No. - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
More results

Similar Description - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com