Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5384 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK5384
Description  107 DB 24 BIT 96KHZ 4 CHANNEL ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5384 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK5384 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 15Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 16Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ASAHI KASEI
[AK5384]
MS0225-E-00
2003/05
- 13 -
LRCK
BICK
Mode
TDM1
TDM0
M/S
DIF
SDTO
I/O
I/O
0
L
24bit, MSB justified
H/L
I
48-128fs
I
1
L
H
24bit, I
2S Compatible
L/H
I
48-128fs
I
2
L
24bit, MSB justified
H/L
O
64fs
O
3
Normal
L
L
H
H
24bit, I
2S Compatible
L/H
O
64fs
O
4
L
24bit, MSB justified
I
256fs
I
5
L
H
24bit, I
2S Compatible
I
256fs
I
6
L
24bit, MSB justified
O
256fs
O
7
TDM256
L
H
H
H
24bit, I
2S Compatible
O
256fs
O
8
L
24bit, MSB justified
I
128fs
I
9
L
H
24bit, I
2S Compatible
I
128fs
I
10
L
24bit, MSB justified
O
128fs
O
11
TDM128
H
H
H
H
24bit, I
2S Compatible
O
128fs
O
12
N/A
H
L
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 3. Audio Interface Formats
LRCK
BICK(64fs)
SDTO1/2(o)
0
1
2
12
13
14
24
25
31
0
1
2
12
13
14
24
25
31
0
23
1
22
0
23 22
12
11 10
0
23
Lch Data
Rch Data
12 11 10
23:MSB, 0:LSB
Figure 1. Mode 0, 2 Timing (Normal mode, MSB justified)
LRCK
BICK(64fs)
SDTO1/2(o)
0
1
2
3
23
24
25
26
0
0
1
31
29
30
23
22
1
23:MSB, 0:LSB
Lch Data
Rch Data
2
0
2
3
23
24
25
26
0
31
29
30
23
22
1
2
0
1
Figure 2. Mode 1, 3 Timing (Normal mode, I
2S Compatible)
23
LRCK (Mode 4)
BICK (256fs)
SDTO1
22
0
L1
32 BICK
256 BICK
22
0
R1
32 BICK
22
23
23
22
0
L2
32 BICK
22
0
R2
32 BICK
23
23
LRCK (Mode 6)
Figure 3. Mode 4, 6 Timing (TDM256 mode, MSB justified)


Similar Part No. - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
More results

Similar Description - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com