Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5384 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AK5384
Description  107 DB 24 BIT 96KHZ 4 CHANNEL ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5384 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK5384 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 15Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ASAHI KASEI
[AK5384]
MS0225-E-00
2003/05
- 12 -
OPERATION OVERVIEW
n System Clock
The external clocks which are required to operate the AK5384 are MCLK(256fs/384fs/512fs/768fs), BICK(48fs
∼),
LRCK(1fs) in slave mode (M/S pin = “L”). MCLK should be synchronized with LRCK but the phase is not critical. When
384fs, 512fs or 768fs clock is input to MCLK pin, the internal master clock becomes 256fs(=384fs x 2/3=512fs x
1/2=768fs x 1/3) automatically. Table 1 illustrates standard audio word rates and corresponding frequencies used in the
AK5384.
In master mode (M/S pin = “H”), MCLK select 256fs or 512fs by CKS pin. But 384fs and 768fs are not supported. 512fs
does not support 96kHz sampling.
All external clocks (MCLK, BICK, LRCK) should always be present whenever the AK5384 is in normal operation mode
(PDN pin = “H”). If these clocks are not provided, the AK5384 may draw excess current and may fall into unpredictable
operation. This is because the device utilizes dynamic refreshed logic internally. If the external clocks are not present, the
AK5384 should be in the power-down mode (PDN pin = “L”). After exiting reset at power-up etc., the AK5384 is in the
power-down mode until MCLK and LRCK are input. In master mode, the master clock (MCLK) must be provided unless
PDN pin = “L”.
MCLK
BICK
fs
256fs
384fs
512fs
768fs
64fs
128fs
32.0kHz
8.1920MHz
12.2880MHz
16.3840MHz
24.576MHz
2.0480MHz
4.0960MHz
44.1kHz
11.2896MHz
16.9344MHz
22.5792MHz
33.8688MHz
2.8224MHz
5.6448MHz
48.0kHz
12.2880MHz
18.4320MHz
24.5760MHz
36.8640MHz
3.0720MHz
6.1440MHz
96.0kHz
24.5760MHz
36.8640MHz
N/A
N/A
6.1440MHz
N/A
Table 1. System clock example (Slave mode)
MCLK
CKS
8kHz
≤ fs ≤ 48kHz
48kHz
< fs ≤ 96kHz
L
256fs
256fs
H
512fs
N/A
Table 2. Master clock frequency select (Master mode)
n Audio Interface Format
12 types of audio data interface can be selected by the TDM1-0, M/S and DIF pins as shown in Table 3. The audio data
format can be selected by the DIF pin. In all formats the serial data is MSB-first, 2's compliment format. The SDTO1/2 is
clocked out on the falling edge of BICK.
In normal mode, Mode 0-1 are the slave mode, and BICK is available up to 128fs at fs=48kHz. BICK outputs 64fs clock in
Mode 2-3.
In TDM256 mode, the serial data of all ADC (four channels) is output from the SDTO1/2 pins. BICK should be fixed to
256fs. In the slave mode, “H” time and “L” time of LRCK should be 1/256fs at least. In the master mode, “H” time (“L”
time at I
2S mode) of LRCK is 1/8fs typically. TDM256 mode does not support 96kHz sampling.
In TDM128 mode, the serial data of all ADC (four channels) is output from the SDTO1 pin. The SDTO2 output is fixed to
“L”. BICK should be fixed to 128fs. In the slave mode, “H” time and “L” time of LRCK should be 1/128fs at least. In the
master mode, “H” time (“L” time at I
2S mode) of LRCK is 1/4fs typically. TDM128 mode supports up to 96kHz sampling.


Similar Part No. - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
More results

Similar Description - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com