Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5384 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK5384
Description  107 DB 24 BIT 96KHZ 4 CHANNEL ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5384 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK5384 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ASAHI KASEI
[AK5384]
MS0225-E-00
2003/05
- 8 -
Parameter
Symbol
min
typ
max
Units
Audio Interface Timing (Slave mode)
Normal mode (TDM1=“L”, TDM0=“L”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 11)
BICK “
↑” to LRCK Edge
(Note 11)
LRCK to SDTO1/2 (MSB) (Except I
2S mode)
BICK “
↓” to SDTO1/2
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
160
65
65
30
30
35
35
ns
ns
ns
ns
ns
ns
ns
TDM256 mode (TDM1=“L”, TDM0=“H”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 11)
BICK “
↑” to LRCK Edge
(Note 11)
BICK “
↓” to SDTO1/2
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSD
81
32
32
20
20
20
ns
ns
ns
ns
ns
ns
TDM128 mode (TDM1=“H”, TDM0=“H”)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 11)
BICK “
↑” to LRCK Edge
(Note 11)
BICK “
↓” to SDTO1
(Note 12)
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSD
81
32
32
20
20
20
ns
ns
ns
ns
ns
ns
Audio Interface Timing (Master mode)
Normal mode (TDM1=“L”, TDM0=“L”)
BICK Frequency
BICK Duty
BICK “
↓” to LRCK
BICK “
↓” to SDTO1/2
fBCK
dBCK
tMBLR
tBSD
−20
−40
64fs
50
20
40
Hz
%
ns
ns
TDM256 mode (TDM1=“L”, TDM0=“H”)
BICK Frequency
BICK Duty
(Note 13)
BICK “
↓” to LRCK
BICK “
↓” to SDTO1/2
fBCK
dBCK
tMBLR
tBSD
−12
−20
256fs
50
12
20
Hz
%
ns
ns
TDM128 mode (TDM1=“H”, TDM0=“H”)
BICK Frequency
BICK Duty
BICK “
↓” to LRCK
BICK “
↓” to SDTO1
(Note 12)
fBCK
dBCK
tMBLR
tBSD
−12
−20
128fs
50
12
20
Hz
%
ns
ns
Power-Down & Reset Timing
PDN Pulse Width
(Note 14)
PDN “
↑” to SDTO1/2 valid
(Note 15)
tPD
tPDV
150
516
ns
1/fs
Note 11. BICK rising edge must not occur at the same time as LRCK edge.
Note 12. SDTO2 output is fixed to “L”.
Note 13. This value is MCLK=512fs. Duty cycle is not guaranteed when MCLK=256fs/384fs.
Note 14. The AK5384 can be reset by bringing the PDN pin = “L”.
Note 15. This cycle is the number of LRCK rising edges from the PDN pin = “H”.


Similar Part No. - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
More results

Similar Description - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com