Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5384 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK5384
Description  107 DB 24 BIT 96KHZ 4 CHANNEL ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5384 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK5384 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5384 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ASAHI KASEI
[AK5384]
MS0225-E-00
2003/05
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
LIN2+
I
ADC2 Lch Positive Analog Input Pin
2
LIN2
I
ADC2 Lch Negative Analog Input Pin
3
RIN2+
I
ADC2 Rch Positive Analog Input Pin
4
RIN2
I
ADC2 Rch Negative Analog Input Pin
5
TEST
I
Test Pin
(Connected to AVSS)
6
VCOM
O
Common Voltage Output Pin, AVDD/2
Normally connected to AVSS with a 0.1
µF ceramic capacitor in parallel with an
electrolytic capacitor less than 2.2
µF.
7
AVSS
-
Analog Ground Pin
8
AVDD
-
Analog Power Supply Pin, 4.75
∼ 5.25V
9
DIF
I
Audio Interface Format Pin
“L” : 24bit MSB justified,
“H” : 24bit I
2S Compatible
10
TDM1
I
TDM I/F BICK Frequency Select Pin
“L” : 256fs,
“H” : 128fs
11
TDM0
I
TDM I/F Format Enable Pin
“L” : Normal Mode,
“H” : TDM Mode
12
TDMIN
I
TDM Data Input Pin
13
MCLK
I
Master Clock Input Pin
14
OVF
O
Analog Input Overflow Detect Pin
This pin goes to “H” if one of four analog inputs overflows.
15
LRCK
I/O
Output Channel Clock Pin
“L” Output in Master Mode at Power-down mode.
16
BICK
I/O
Audio Serial Data Clock Pin
“L” Output in Master Mode at Power-down mode.
17
SDTO2
O
ADC2 Audio Serial Data Output Pin
“L” Output at Power-down mode.
18
SDTO1
O
ADC1 Audio Serial Data Output Pin
“L” Output at Power-down mode.
19
TVDD
-
Output Buffer Power Supply Pin, 3.0
∼ 5.25V
20
DVDD
-
Digital Power Supply Pin, 4.75
∼ 5.25V
21
DVSS
-
Digital Ground Pin
22
PDN
I
Power-Down Mode Pin
When “L”, the circuit is in power-down mode.
The AK5384 should always be reset upon power-up.
23
CKS
I
Master Clock Select Pin
“L” : 256fs,
“H” : 512fs
This pin is enabled in Master Mode.
24
M/S
I
Master / Slave Mode Pin
“L” : Slave Mode,
“H” : Master Mode
25
RIN1
I
ADC1 Rch Negative Analog Input Pin
26
RIN1+
I
ADC1 Rch Positive Analog Input Pin
27
LIN1
I
ADC1 Lch Negative Analog Input Pin
28
LIN1+
I
ADC1 Lch Positive Analog Input Pin
Note: All digital input pins should not be left floating.


Similar Part No. - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
More results

Similar Description - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com