Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A277 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A277
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCHED SINK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A277 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A277 Datasheet HTML 1Page - List of Unclassifed Manufacturers A277 Datasheet HTML 2Page - List of Unclassifed Manufacturers A277 Datasheet HTML 3Page - List of Unclassifed Manufacturers A277 Datasheet HTML 4Page - List of Unclassifed Manufacturers A277 Datasheet HTML 5Page - List of Unclassifed Manufacturers A277 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ampson Technology, Inc.
A277
2/6
12/26/2001 REV.1.0
APPLICATIONS
!
Brushless DC Motor
!
Brushless DC Fan
!
Revolution Counting
!
Speed Measurement
FUNCTIONAL BLOCK DIAGRAM
HALL
SENSOR
2 OUTPUT(DO)
3 OUTPUT(DOB)
4 VSS
REG.
1
VCC
PIN DESCRIPTION
277
XXX
1 24
3
1 : VCC
2 : DO
3 : D0B
4 : VSS
XXX : DATE CODE ( ex : 52Z )
52 : WEEK ( ex=>52:52 WEEK . 35:35 WEEK )
Z : YEAR ( ex=>Z:DC2001 , Y:DC2002 , X:DC2003 )
REMARK :
Name
P/I/O
Pin #
Description
Vcc
P
1
Positive Power Supply
DO
O
2
Output Pin
DOB
O
3
Output Pin
Vss
P
4
Ground


Similar Part No. - A277

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A2774B-SYG-S530-E2 EVERLIGHT-A2774B-SYG-S530-E2 Datasheet
97Kb / 6P
3mm 1Pcs Circuit Board Indicator
A2774B-SYG-S530-E2 EVERLIGHT-A2774B-SYG-S530-E2_15 Datasheet
103Kb / 6P
3.0mm Round Type LED Lamps
A2774B-UBC-C470 EVERLIGHT-A2774B-UBC-C470 Datasheet
133Kb / 6P
3.0mm Round Type LED Lamps
A2774B/SYG/S530-E2 EVERLIGHT-A2774B/SYG/S530-E2 Datasheet
97Kb / 6P
3mm 1Pcs Circuit Board Indicator
A2774B/UBC/C470 EVERLIGHT-A2774B/UBC/C470 Datasheet
133Kb / 6P
3.0mm Round Type LED Lamps
More results

Similar Description - A277

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G276P GTM-G276P Datasheet
223Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH276PA4 CYSTEKEC-CSH276PA4 Datasheet
299Kb / 7P
Complementary Output Hall Effect Latched Sink Driver IC
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
logo
GTM CORPORATION
G266 GTM-G266 Datasheet
214Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com