Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3403 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC3403
Description  Single Supply Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3403 Datasheet(HTML) 4 Page - ON Semiconductor

  MC3403_12 Datasheet HTML 1Page - ON Semiconductor MC3403_12 Datasheet HTML 2Page - ON Semiconductor MC3403_12 Datasheet HTML 3Page - ON Semiconductor MC3403_12 Datasheet HTML 4Page - ON Semiconductor MC3403_12 Datasheet HTML 5Page - ON Semiconductor MC3403_12 Datasheet HTML 6Page - ON Semiconductor MC3403_12 Datasheet HTML 7Page - ON Semiconductor MC3403_12 Datasheet HTML 8Page - ON Semiconductor MC3403_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC3403, MC3303
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
MC3403
MC3303
Unit
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VIO
2.0
10
10
mV
Input Offset Current
IIO
30
50
75
nA
Input Bias Current
IIB
−200
−500
−500
nA
Large Signal Open Loop Voltage Gain
RL = 2.0 kW
AVOL
10
200
10
200
V/mV
Power Supply Rejection Ratio
PSRR
150
150
mV/V
Output Voltage Range (Note 5)
VOR
Vpp
RL = 10 kW, VCC = 5.0 V
3.3
3.5
3.3
3.5
RL = 10 kW, 5.0 ≤ VCC ≤ 30 V
VCC−2.0 VCC−1.7
VCC−2.0 VCC−1.7
Power Supply Current
ICC
2.5
7.0
2.5
7.0
mA
Channel Separation
f = 1.0 kHz to 20 kHz
(Input Referenced)
CS
−120
−120
dB
5. Output will swing to ground with a 10 kW pull down resistor.
Figure 1. Representative Schematic Diagram
(1/4 of Circuit Shown)
VEE (GND)
VCC
Output
Q23
Inputs
+
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q15
Q16
Q17
Q18
Q19
Q20
Q21
Q22
Q1
Q24
Q25
Q27
Q28
Q29
Q30
60 k
37 k
25
40 k
2.4 k
2.0 k
31k
5.0 pF
Bias Circuitry
Common to Four
Amplifiers
-


Similar Part No. - MC3403_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
STMicroelectronics
MC3403D STMICROELECTRONICS-MC3403D Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
MC3403D TI-MC3403D Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
MC3403D FAIRCHILD-MC3403D Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

Similar Description - MC3403_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com