Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3403 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC3403
Description  Single Supply Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3403 Datasheet(HTML) 2 Page - ON Semiconductor

  MC3403_12 Datasheet HTML 1Page - ON Semiconductor MC3403_12 Datasheet HTML 2Page - ON Semiconductor MC3403_12 Datasheet HTML 3Page - ON Semiconductor MC3403_12 Datasheet HTML 4Page - ON Semiconductor MC3403_12 Datasheet HTML 5Page - ON Semiconductor MC3403_12 Datasheet HTML 6Page - ON Semiconductor MC3403_12 Datasheet HTML 7Page - ON Semiconductor MC3403_12 Datasheet HTML 8Page - ON Semiconductor MC3403_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC3403, MC3303
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping
MC3303D
SOIC−14
55 Units / Rail
MC3303DG
SOIC−14
(Pb−Free)
MC3303DR2
SOIC−14
2500 Tape & Reel
MC3303DR2G
SOIC−14
(Pb−Free)
MC3303P
PDIP−14
25 Units / Rail
MC3303PG
PDIP−14
(Pb−Free)
MC3403D
SOIC−14
55 Units / Rail
MC3403DG
SOIC−14
(Pb−Free)
MC3403DR2
SOIC−14
2500 Tape & Reel
MC3403DR2G
SOIC−14
(Pb−Free)
MC3403P
PDIP−14
25 Units / Rail
MC3403PG
PDIP−14
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltages
Single Supply
Split Supplies
VCC
VCC, VEE
36
±18
Vdc
Input Differential Voltage Range (Note 1)
VIDR
±36
Vdc
Input Common Mode Voltage Range (Notes 1 and 2)
VICR
±18
Vdc
Storage Temperature Range
Tstg
−55 to +125
°C
Operating Ambient Temperature Range
MC3303
MC3403
TA
−40 to +85
0 to +70
°C
Junction Temperature
TJ
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Split power supplies.
2. For supply voltages less than ±18 V, the absolute maximum input voltage is equal to the supply voltage.


Similar Part No. - MC3403_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
STMicroelectronics
MC3403D STMICROELECTRONICS-MC3403D Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
MC3403D TI-MC3403D Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
MC3403D FAIRCHILD-MC3403D Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

Similar Description - MC3403_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com